Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STPSC6H065DLF Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPSC6H065DLF
Description  650 V power Schottky silicon carbide diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC6H065DLF Datasheet(HTML) 3 Page - STMicroelectronics

  STPSC6H065DLF Datasheet HTML 1Page - STMicroelectronics STPSC6H065DLF Datasheet HTML 2Page - STMicroelectronics STPSC6H065DLF Datasheet HTML 3Page - STMicroelectronics STPSC6H065DLF Datasheet HTML 4Page - STMicroelectronics STPSC6H065DLF Datasheet HTML 5Page - STMicroelectronics STPSC6H065DLF Datasheet HTML 6Page - STMicroelectronics STPSC6H065DLF Datasheet HTML 7Page - STMicroelectronics STPSC6H065DLF Datasheet HTML 8Page - STMicroelectronics STPSC6H065DLF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Table 4. Dynamic electrical characteristics
Symbol
Parameter
Test conditions
Typ.
Unit
Qcj(1)
Total capacitive charge
VR = 400 V
19.9
nC
Cj
Total capacitance
VR = 0 V, Tc = 25 °C, F = 1 MHz
350
pF
VR = 400 V, Tc = 25 °C, F = 1 MHz
35
1. Most accurate value for the capacitive charge:
QcjVR = ∫0VRCjVdV
STPSC6H065DLF
Characteristics
DS12820 - Rev 2
page 3/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com