Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PA08V Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA08V
Description  POWER OPERATIONAL AMPLIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA08V Datasheet(HTML) 1 Page - Cirrus Logic

  PA08V Datasheet HTML 1Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
1
FEATURES
• EXTENDED SUPPLY RANGE
UP TO ±175V or
350V TOTAL
• PROVIDES PA08 PERFORMANCE
UP TO ±150mA
PROGRAMMABLE CURRENT LIMIT
LOW DRIFT FET INPUT
APPLICATIONS
• PROGRAMMABLE POWER SUPPLIES UP TO 340V
• ELECTROSTATIC TRANSDUCERS & DEFLECTION
• PIEZO ELECTRIC TRANSDUCERS
• HIGH VOLTAGE INSTRUMENTATION
DESCRIPTION
The PA08V is an extended supply range operational am-
plifier capable of output voltage swings of ±170V with dual
supplies or 340V total supply voltage on single or non-sym-
metric supplies.
High accuracy is achieved with a cascode input circuit con-
figuration. All internal biasing is referenced to a zener diode
fed by a FET constant current source. As a result, the PA08
features an unprecedented supply range and excellent sup-
ply rejection. The output stage is biased class A-B for linear
operation. Internal phase compensation assures stability at all
gain settings. The safe operating area (SOA) can be observed
with all types of loads by choosing the appropriate current limit-
ing resistors. For operation into inductive loads, two external
flyback pulse protection diodes are recommended. A heatsink
may be necessary to maintain the proper case temperature
under normal operating conditions.
This hybrid integrated circuit utilizes a beryllia (BeO) sub-
strate, thick film resistors, ceramic capacitors, and semicon-
ductor chips to maximize reliability, minimize size and give top
performance. Ultrasonically bonded aluminum wires provide
reliable interconnections at all operating temperatures. The
8-pin to TO-3 package is hermetically sealed and electrically
isolated. The use of compressible thermal isolation washers
and/or improper mounting torque will void the product warranty.
Please see “General Operating Considerations”.
SPECIFICATIONS
Specifications of the standard PA08 apply with the benefit
of supply ratings being extended to ±175V. Design changes
enabling the total supply rating of 350V have no effect on the
shape of the typical performance graphs.
GENERAL CONSIDERATIONS
SAFE OPERATING AREA
The extended safe operating area is as follows:
When operating on ±175V, maximum safe values of capaci-
tive and inductive loading are .2µF and 200mH. Maximum safe
current limit for a short to common is 50mA, and for a short to
supply rails, the maximum is 15mA.
EQUIVALENT SCHEMATIC
��
��
��
��
��
��
��
����
����
���
��
��
���
���
��
��
��
���
���
���
��
��
��
���
���
���
��
��
��
��
���
���
��
���
���
���
���
���
��
��
�������������������������������
�����������������������������������������
���������
���������
�������
�������
������������
Please consult the PA08 data sheet for basic information on
this amplifier, plus the application notes in this APEX DATA
BOOK, for recommendations on stability, current limiting,
heatsinks, bypassing, and suggestions for circuit functions.
��������������������������������������������������������������
� � � � � � � � � � � � � � �
����������������������������
�����
This data sheet has been carefully checked and is believed to be reliable, however, no responsibility is assumed for possible inaccuracies or omissions. All specifications are subject to change without notice.
PA08VU REV F FEBRUARY 1998 © 1998 Apex Microtechnology Corp.
8-PIN TO-3
PACKAGE STYLE CE


Similar Part No. - PA08V

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA08V CIRRUS-PA08V Datasheet
173Kb / 2P
Power Operational Amplifiers
More results

Similar Description - PA08V

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM675 NSC-LM675 Datasheet
204Kb / 8P
Power Operational Amplifier
logo
Cirrus Logic
PA13 CIRRUS-PA13 Datasheet
642Kb / 7P
Power Operational Amplifier
PA86 APEX-PA86_07 Datasheet
312Kb / 5P
POWER OPERATIONAL AMPLIFIER
MP108 CIRRUS-MP108 Datasheet
212Kb / 5P
Power Operational Amplifier
MP111 CIRRUS-MP111 Datasheet
219Kb / 5P
Power Operational Amplifier
MP240 CIRRUS-MP240_09 Datasheet
478Kb / 7P
Power Operational Amplifier
PA05 CIRRUS-PA05 Datasheet
212Kb / 5P
Power Operational Amplifier
PA08 CIRRUS-PA08 Datasheet
207Kb / 5P
Power Operational Amplifier
PA12H CIRRUS-PA12H Datasheet
169Kb / 2P
Power Operational Amplifier
PA96 CIRRUS-PA96 Datasheet
204Kb / 5P
Power Operational Amplifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com