Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EPC-R3430ID-PLA140 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # EPC-R3430ID-PLA140
Description  NXP ARM짰 Cortex짰-A9 i.MX6 Dual 1GHz Fanless Box
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R3430ID-PLA140 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  EPC-R3430ID-PLA140 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R3430ID-PLA140 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Ordering Information
Part Number
CPU
Memory
Flash
HDMI
LAN USB GPIO
Serial Port
Micro SD
SIM
CAN
Operating
Temperature
EPC-R3430ID-PLA100
Duall 1 GHz
1 GB
4 GB
1
1
2
8
3
1
1
-
-20 ~ 60 °C
EPC-R3430ID-PLA120
Duall 1 GHz
1 GB
4 GB
1
2
4
-
3
1
1
-
-20 ~ 60 °C
EPC-R3430ID-PLA140
Duall 1 GHz
1 GB
4 GB
1
1
2
-
3
1
1
1
-20 ~ 60 °C
EPC-R3430
Packing List
Part Number
Description
1960093165N001
EPC-R4030 mount bkt
Optional Accessories
Part Number
Description
96PSA-A36W12R1
ADAPTER 100-240V 36W 12V 3A
EWM-W162M201E
802.11 ac/a/b/g/n Wi-Fi and BT4.2 M.2 card
EWM-C117FL01E
LTE/HSPA+/GPRS module, w/o SIM Slot, for USA AT&T,
T-Mobile, w/o voice function
1750006264
Antenna SMA(F)/MHF 15cm SMALFN8-3150A-00X00R
(4G Cable)
1750007990-01
Antenna 4G/LTE full band L=11 cm 50 Ohm
1750007965-01
Wi-Fi cable, SMA (M) to MHF4, 50 cm
1750000318
2DBI 2.4 GHz SMA CONN
Front I/O
Dimensions
Unit: mm
USB
GbE
HDMI
RS-232/422/485



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com