Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M68AW256DL Datasheet(PDF) 3 Page - STMicroelectronics

Part # M68AW256DL
Description  4 Mbit (256K x16) 3.0V Asynchronous SRAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AW256DL Datasheet(HTML) 3 Page - STMicroelectronics

  M68AW256DL Datasheet HTML 1Page - STMicroelectronics M68AW256DL Datasheet HTML 2Page - STMicroelectronics M68AW256DL Datasheet HTML 3Page - STMicroelectronics M68AW256DL Datasheet HTML 4Page - STMicroelectronics M68AW256DL Datasheet HTML 5Page - STMicroelectronics M68AW256DL Datasheet HTML 6Page - STMicroelectronics M68AW256DL Datasheet HTML 7Page - STMicroelectronics M68AW256DL Datasheet HTML 8Page - STMicroelectronics M68AW256DL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3/20
M68AW256DL
SUMMARY DESCRIPTION
The M68AW256DL is a 4 Mbit (4,194,304 bit)
CMOS SRAM, organized as 262,144 words by 16
bits. The device features fully static operation re-
quiring no external clocks or timing strobes, with
equal address access and cycle times. It requires
a single 2.7 to 3.6V supply. This device has an au-
tomatic power-down feature, reducing the power
consumption by over 99% when deselected.
The M68AW256DL is available in TFBGA48
(0.75 mm pitch) and in TSOP44 Type II packages.
Figure 2. Logic Diagram
Table 1. Signal Names
AI05492
18
A0-A17
W
DQ0-DQ15
VCC
M68AW256DL
G
16
E1
UB
LB
VSS
E2
A0-A17
Address Inputs
DQ0-DQ15
Data Input/Out put
E1, E2
Chip Enables
G
Output Enable
W
Write Enable
UB
Upper Byte Enable Input
LB
Lower Byte Enable Input
VCC
Supply Voltage
VSS
Ground
NC
Not Connected Internally
DU
Don’t Use as Internally Connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com