Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SWI5-N-USB Datasheet(PDF) 3 Page - CUI INC

Part # SWI5-N-USB
Description  AC-DC POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SWI5-N-USB Datasheet(HTML) 3 Page - CUI INC

  SWI5-N-USB Datasheet HTML 1Page - CUI INC SWI5-N-USB Datasheet HTML 2Page - CUI INC SWI5-N-USB Datasheet HTML 3Page - CUI INC SWI5-N-USB Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
cui.com
date 04/22/2021
│ page 3 of 4
CUI Inc
│ SERIES: SWI5-N-USB │ DESCRIPTION: AC-DC POWER SUPPLY
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
64.92 x 36 x 22.5
mm
input plug
North America, 2-pin
weight
80
g
MECHANICAL DRAWING
units: mm
tolerance: ±0.5 mm
PIN
Output Voltage
1
+5V
2
Short
3
Short
4
GND
1
+5
4
GND
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com