Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VOFM-5-9 Datasheet(PDF) 3 Page - CUI INC

Part # VOFM-5-9
Description  AC-DC POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOFM-5-9 Datasheet(HTML) 3 Page - CUI INC

  VOFM-5-9 Datasheet HTML 1Page - CUI INC VOFM-5-9 Datasheet HTML 2Page - CUI INC VOFM-5-9 Datasheet HTML 3Page - CUI INC VOFM-5-9 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
cui.com
CUI Inc SERIES: VOFM-5 DESCRIPTION: AC-DC POWER SUPPLY
date 11/02/2020 page 3 of 4
MECHANICAL
parameter
conditions/description
min
max
units
dimensions
2.165 x 1.378 x 0.861 (55.00 x 35.00 x 22.00 mm)
inch
cooling method
free air convection
DERATING CURVES
MECHANICAL DRAWING
units: inches (mm)
Additional Resources: Product Page



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com