Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VOFM-5-18 Datasheet(PDF) 2 Page - CUI INC

Part # VOFM-5-18
Description  AC-DC POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOFM-5-18 Datasheet(HTML) 2 Page - CUI INC

  VOFM-5-18 Datasheet HTML 1Page - CUI INC VOFM-5-18 Datasheet HTML 2Page - CUI INC VOFM-5-18 Datasheet HTML 3Page - CUI INC VOFM-5-18 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
cui.com
CUI Inc SERIES: VOFM-5 DESCRIPTION: AC-DC POWER SUPPLY
date 11/02/2020 page 2 of 4
INPUT
parameter
conditions/description
min
max
units
voltage
85
264
Vac
frequency
47
63
Hz
current
at 85 Vac, full load
200
A
inrush current
at 264 Vac, full load, cold start
40
A
OUTPUT
parameter
conditions/description
min
max
units
line regulation
high line to low line at full load
±0.5
%
load regulation
110 Vac at full load to 10% load
±1
%
hold-up time
115 Vac at full load
8
ms
OUTPUT
parameter
conditions/description
min
max
units
over voltage protection
130
150
%
over current protection
180
%Io
short circuit protection
auto recovery upon removal of short
SAFETY & COMPLIANCE
parameter
conditions/description
min
max
units
isolation voltage
primary to secondary for 1 minute
primary to transformer core for 1 minute
6,565
1,500
Vac
Vac
isolation resistance
per EN60601-1
safety approvals
TUV EN 60601-1, CE, UL/cUL 60601-1 (E302945)
EMI/EMC
EN 55011, EN 55022, EN 55024, EN 61204-3, EN 61000-3-(2,3), EN 61000-6-(1,3), EN60601-1-2
leakage current
100
µA
RoHS compliant
yes
ENVIRONMENTAL
parameter
conditions/description
min
max
units
operating temperature
see derating curve
0
70
°C
storage temperature
-20
85
°C
operating humidity
non-condensing
0
93
%
storage humidity
non-condensing
0
93
%
Additional Resources: Product Page



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com