Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TLP665JS Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP665JS
Description  TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP665JS Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP665JS Datasheet HTML 1Page - Toshiba Semiconductor TLP665JS Datasheet HTML 2Page - Toshiba Semiconductor TLP665JS Datasheet HTML 3Page - Toshiba Semiconductor TLP665JS Datasheet HTML 4Page - Toshiba Semiconductor TLP665JS Datasheet HTML 5Page - Toshiba Semiconductor TLP665JS Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TLP665J(S)
3
2002-05-24
ELECTRICAL CHARACTERISTICS(Ta=25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse Current
IR
VR = 5 V
10
µA
Capacitance
CT
V = 0, f=1MHz
30
pF
Peak Off-State Current
IDRM
VDRM=600V
10
1000
nA
Peak On-State Voltage
VTM
ITM=100mA
1.7
3.0
V
Holding Current
IH
1.0
mA
Critical Rate of Rise of
Off-State Voltage
dv/dt
Vin=240Vrms , Ta=85°C
(Note3)
500
V/µs
Critical Rate of Rise of
Commutating Voltage
dv/dt(c)
Vin=60Vrms , IT=15mA
(Note3)
0.2
V/µs
COUPLED ELECTRICAL CHARACTERISTICS(Ta=25
°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Trigger LED Current
IFT
VT=6V
5
10
mA
Capacitance (Input to Output)
CS
VS=0 , f=1MHz
0.8
pF
Isolation Resistance
RS
VS=500V
1×10
12
10
14
9
AC , 1minute
5000
AC , 1second,in oil
10000
Vrms
Isolation Voltage
BVS
DC , 1minute,in oil
10000
Vdc
(Note 3)dv/dt TEST CIRCUIT
1
2
3
4
6
Vcc
+
Rin
120
9
RL
Vin
4k
9
dv/dt(c)
dv/dt
0V
+5V , VCC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com