Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADM3061EBRZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM3061EBRZ-R7
Description  3.0 V to 5.5 V, 짹12 kV IEC ESD Protected, 500 kbps/50 Mbps RS-485 Transceivers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3061EBRZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADM3061EBRZ-R7 Datasheet HTML 1Page - Analog Devices ADM3061EBRZ-R7 Datasheet HTML 2Page - Analog Devices ADM3061EBRZ-R7 Datasheet HTML 3Page - Analog Devices ADM3061EBRZ-R7 Datasheet HTML 4Page - Analog Devices ADM3061EBRZ-R7 Datasheet HTML 5Page - Analog Devices ADM3061EBRZ-R7 Datasheet HTML 6Page - Analog Devices ADM3061EBRZ-R7 Datasheet HTML 7Page - Analog Devices ADM3061EBRZ-R7 Datasheet HTML 8Page - Analog Devices ADM3061EBRZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
3.0 V to 5.5 V,
±12 kV IEC ESD Protected,
500 kbps/50 Mbps RS-485 Transceivers
Data Sheet
ADM3061E/ADM3062E/ADM3063E/ADM3064E/ADM3065E/ADM3066E/ADM3067E/ADM3068E
Rev. G
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2017–2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
TIA/EIA RS-485 compliant over full supply range
3.0 V to 5.5 V operating voltage range on VCC
1.62 V to 5.5 V VIO logic supply option available
ESD protection on the bus pins
IEC 61000-4-2 ≥ ±12 kV contact discharge
IEC 61000-4-2 ≥ ±12 kV air discharge
HBM ≥ ±30 kV
Full hot swap support (glitch free power-up/power-down)
High speed 50 Mbps data rate (ADM3065E/ADM3066E/
ADM3067E/ADM3068E)
Low speed 500 kbps data rate for long cables (ADM3061E/
ADM3062E/ADM3063E/ADM3064E)
Full receiver short-circuit, open circuit, and bus idle fail-safe
Extended temperature range up to 125°C
PROFIBUS compliant at VCC ≥ 4.5 V
Half duplex and full duplex models available
Allows connection of up to 128 transceivers onto the bus
Space-saving package options
10-lead, 3 mm × 3 mm LFCSP
8-lead and 10-lead, 3 mm × 3 mm MSOP
8-lead and 14-lead, narrow body SOIC
APPLICATIONS
Industrial fieldbuses
Process control
Building automation
PROFIBUS networks
Motor control servo drives and encoders
FUNCTIONAL BLOCK DIAGRAMS
RO
RE
DE
DI
VCC
A
B
GND
D
R
ADM3061E/ADM3065E
Figure 1. ADM3061E/ADM3065E Functional Block Diagram
RO
RE
DE
DI
VCC
A
B
GND
D
R
ADM3063E/ADM3067E
Z
Y
Figure 2. ADM3063E/ADM3067E Functional Block Diagram
RO
RE
DE
DI
VCC
A
B
GND
D
R
VIO
ADM3062E/ADM3066E
LEVEL
TRANSLATOR
Figure 3. ADM3062E/ADM3066E Functional Block Diagram
RO
RE
DE
DI
VCC
A
B
GND
D
R
VIO
ADM3064E/ADM3068E
LEVEL
TRANSLATOR
Y
Z
Figure 4. ADM3064E/ADM3068E Functional Block Diagram


Similar Part No. - ADM3061EBRZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3061EBRZ-R7 AD-ADM3061EBRZ-R7 Datasheet
683Kb / 28P
IEC ESD Protected, 500 kbps/50 Mbps RS-485 Transceivers
6/2019-Rev. E to Rev. F
More results

Similar Description - ADM3061EBRZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM485E AD-ADM485E Datasheet
399Kb / 16P
5 V, 짹15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
REV. 0
logo
Texas Instruments
THVD1500 TI1-THVD1500 Datasheet
953Kb / 29P
300 kbps RS-485 Transceivers With 8-kV IEC ESD Protection
THVD1510 TI1-THVD1510 Datasheet
826Kb / 39P
5-V RS-485 Transceivers With 18-kV IEC ESD Protection
THVD1410 TI1-THVD1410 Datasheet
624Kb / 34P
3.3-V to 5-V RS-485 Transceivers With 짹16-kV IEC ESD Protection
THVD1410 TI1-THVD1410_18 Datasheet
1Mb / 42P
3.3-V to 5-V RS-485 Transceivers With 짹18-kV IEC ESD Protection
THVD1410 TI1-THVD1410_19 Datasheet
2Mb / 50P
3.3-V to 5-V RS-485 Transceivers With (,-)18-kV IEC ESD Protection
logo
Analog Devices
ADM3061E AD-ADM3061E Datasheet
683Kb / 28P
IEC ESD Protected, 500 kbps/50 Mbps RS-485 Transceivers
6/2019-Rev. E to Rev. F
logo
Texas Instruments
THVD1400 TI-THVD1400_V02 Datasheet
1Mb / 33P
THVD1400, THVD1420 3.3-V to 5-V RS-485 Transceivers in Small Package with 짹12-kV IEC ESD Protection
OCTOBER 2021
logo
Analog Devices
ADM3061E AD-ADM3061E_V02 Datasheet
1Mb / 25P
3.0 V to 5.5 V, ±12 kV IEC ESD Protected, 500 kbps/50 Mbps RS-485 Transceivers
Rev. H
ADM485E AD-ADM485E_V01 Datasheet
285Kb / 16P
5 V, ±15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com