Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EVAL-ADFS5758SDZ Datasheet(PDF) 22 Page - Analog Devices

Part # EVAL-ADFS5758SDZ
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADFS5758SDZ Datasheet(HTML) 22 Page - Analog Devices

Back Button EVAL-ADFS5758SDZ Datasheet HTML 18Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 19Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 20Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 21Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 22Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 23Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 24Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 25Page - Analog Devices EVAL-ADFS5758SDZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 75 page
background image
ADFS5758
Data Sheet
Rev. 0 | Page 22 of 75
VOLTAGE OUTPUT
–0.0015
–0.0010
–0.0005
0
0.0005
0.0010
0.0015
0.0020
0
8192
16384
24576
32768
40960
49152
57344
65536
CODE
+5V RANGE
+10V RANGE
±5V RANGE
±10V RANGE
+10V RANGE WITH DCDC ENABLED
AVDD1 = VDPC+ = 15V
AVSS = –15V
1kΩ LOAD
TA = 25°C
Figure 33. INL Error vs. DAC Code
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0
8192
16384
24576
32768
40960
49152
57344
65536
CODE
+5V RANGE
+10V RANGE
±5V RANGE
±10V RANGE
+10V RANGE WITH DCDC ENABLED
AVDD1 = VDPC+ = 15V
AVSS = –15V
1kΩ LOAD
TA = 25°C
Figure 34. DNL Error vs. DAC Code
–0.010
–0.008
–0.006
–0.004
–0.002
0
0.002
0.004
0.006
0
8192
16384
24576
32768
40960
49152
57344
65536
CODE
+5V RANGE
+10V RANGE
±5V RANGE
±10V RANGE
+10V RANGE WITH DC-TO-DC ENABLED
AVDD1 = VDPC+ = 15V
AVSS = –15V
1kΩ LOAD
TA = 25°C
Figure 35. Total Unadjusted Error vs. DAC Code
AVDD1 = VDPC+ = 15V
AVSS = –15V
1kΩ LOAD
–0.0015
–0.0010
–0.0005
0
0.0005
0.0010
0.0015
25
70
105
125
TEMPERATURE (°C)
+5V RANGE, INL MAX
+10V RANGE, INL MAX
±5V RANGE, INL MAX
±10V RANGE, INL MAX
+5V RANGE, INL MIN
+10V RANGE, INL MIN
±5V RANGE, INL MIN
±10V RANGE, INL MIN
Figure 36. INL Error vs. Temperature
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
–40
25
115
125
TEMPERATURE (ºC)
DNL ERROR MAX
DNL ERROR MIN
AVDD1 = VDPC+ = +15V
AVSS = –15V
ALL RANGES
Figure 37. DNL Error vs Temperature
+5V RANGE, TUE MAX
+10V RANGE, TUE MAX
±5V RANGE, TUE MAX
±10V RANGE, TUE MAX
+5V RANGE, TUE MIN
+10V RANGE, TUE MIN
±5V RANGE, TUE MIN
±10V RANGE, TUE MIN
–0.006
–0.004
–0.002
0
0.002
0.004
0.006
0.008
–40
25
70
105
125
TEMPERATURE (°C)
AVDD1 = VDPC+ = +15V
AVSS = –15V
1kΩ LOAD
Figure 38. Total Unadjusted Error vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com