Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VIBLSD1-DIP Datasheet(PDF) 2 Page - CUI INC

Part # VIBLSD1-DIP
Description  DC-DC CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VIBLSD1-DIP Datasheet(HTML) 2 Page - CUI INC

  VIBLSD1-DIP_V01 Datasheet HTML 1Page - CUI INC VIBLSD1-DIP_V01 Datasheet HTML 2Page - CUI INC VIBLSD1-DIP_V01 Datasheet HTML 3Page - CUI INC VIBLSD1-DIP_V01 Datasheet HTML 4Page - CUI INC VIBLSD1-DIP_V01 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
cui.com
CUI Inc
│ SERIES: VIBLSD1-DIP │ DESCRIPTION: DC-DC CONVERTER
date 06/29/2021
│ page 2 of 5
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
5 V model
12 V model
24 V model
4.75
11.4
22.8
5
12
24
5.25
12.6
25.2
Vdc
Vdc
Vdc
OUTPUT
parameter
conditions/description
min
typ
max
units
line regulation
for Vin change of ±5%
±0.25
%
load regulation
measured from 10% load to full load
±1
%
voltage accuracy
100% load
±3
%
switching frequency
100% load, input voltage range
100
kHz
temperature coefficient
±0.03
%/°C
PROTECTIONS
parameter
conditions/description
min
typ
max
units
short circuit protection
5 and 24 V output models
all other models: continuous
1
s
SAFETY AND COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
for 1 minute at 1 mA max.
1,000
Vdc
isolation resistance
at 500 Vdc
1,000
MΩ
MTBF
3,500,000
hours
RoHS compliant
yes
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
-40
85
°C
storage temperature
-55
125
°C
storage humidity
non-condensing
95
%
temperature rise
at full load
15
25
°C
lead temperature
1.5 mm from case for 10 seconds
300
°C
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com