Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VIBLSD1-DIP Datasheet(PDF) 1 Page - CUI INC

Part # VIBLSD1-DIP
Description  DC-DC CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VIBLSD1-DIP Datasheet(HTML) 1 Page - CUI INC

  VIBLSD1-DIP Datasheet HTML 1Page - CUI INC VIBLSD1-DIP Datasheet HTML 2Page - CUI INC VIBLSD1-DIP Datasheet HTML 3Page - CUI INC VIBLSD1-DIP Datasheet HTML 4Page - CUI INC VIBLSD1-DIP Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
cui.com
date 06/29/2021
page 1 of 5
SERIES: VIBLSD1-DIP
│ DESCRIPTION: DC-DC CONVERTER
FEATURES
• 1 W isolated output
• industry standard 14 pin DIP package
• single regulated outputs
• 1,000 V isolation
• short circuit protection
• wide temperature (-40~85°C)
• efficiency up to 75%
RoHS
MODEL
input
voltage
output
voltage
output
current
output
power
ripple1
noise1
efficiency
typ
(Vdc)
range
(Vdc)
(Vdc)
min
(mA)
max
(mA)
max
(W)
max
(mVp-p)
max
(mVp-p)
typ
(%)
VIBLSD0.75-S5-S5-DIP
5
4.75~5.25
5
15
150
0.75
20
75
68
VIBLSD1-S5-S5-DIP
5
4.75~5.25
5
20
200
1
20
75
67
VIBLSD1-S5-S9-DIP*
5
4.75~5.25
9
12
111
1
20
75
70
VIBLSD1-S5-S12-DIP
5
4.75~5.25
12
9
83
1
20
75
71
VIBLSD1-S5-S15-DIP*
5
4.75~5.25
15
7
67
1
20
75
73
VIBLSD1-S5-S24-DIP*
5
4.75~5.25
24
5
42
1
20
75
68
VIBLSD0.75-S12-S5-DIP
12
11.4~12.6
5
15
150
0.75
20
75
68
VIBLSD1-S12-S5-DIP
12
11.4~12.6
5
20
200
1
20
75
67
VIBLSD1-S12-S9-DIP
12
11.4~12.6
9
12
111
1
20
75
72
VIBLSD1-S12-S12-DIP
12
11.4~12.6
12
9
83
1
20
75
70
VIBLSD1-S12-S15-DIP
12
11.4~12.6
15
7
67
1
20
75
74
VIBLSD1-S12-S24-DIP*
12
11.4~12.6
24
5
42
1
20
75
68
VIBLSD0.75-S24-S5-DIP
24
22.8~25.2
5
20
200
0.75
20
75
68
VIBLSD1-S24-S5-DIP
24
22.8~25.2
5
15
150
1
20
75
68
VIBLSD1-S24-S9-DIP*
24
22.8~25.2
9
12
111
1
20
75
68
VIBLSD1-S24-S12-DIP*
24
22.8~25.2
12
9
83
1
20
75
73
VIBLSD1-S24-S15-DIP*
24
22.8~25.2
15
7
67
1
20
75
75
VIBLSD1-S24-S24-DIP
24
22.8~25.2
24
5
42
1
20
75
68
Notes:
1. ripple and noise are measured at 20 MHz BW
*. Discontinued model
PART NUMBER KEY
VIBLSDX - SXX - SXX -DIP
Input Voltage
Output Voltage
Base Number
Packaging Style
Output Power
Additional Resources: Product Page | 3D Model | PCB Footprint


Similar Part No. - VIBLSD1-DIP

ManufacturerPart #DatasheetDescription
logo
CUI INC
VIBLSD1-DIP CUI-VIBLSD1-DIP Datasheet
101Kb / 3P
DC-DC Converter
More results

Similar Description - VIBLSD1-DIP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com