Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VOF-550 Datasheet(PDF) 6 Page - CUI INC

Part # VOF-550
Description  AC-DC POWER SUPPLY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-550 Datasheet(HTML) 6 Page - CUI INC

  VOF-550 Datasheet HTML 1Page - CUI INC VOF-550 Datasheet HTML 2Page - CUI INC VOF-550 Datasheet HTML 3Page - CUI INC VOF-550 Datasheet HTML 4Page - CUI INC VOF-550 Datasheet HTML 5Page - CUI INC VOF-550 Datasheet HTML 6Page - CUI INC VOF-550 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
cui.com
date 04/20/2021
│ page 6 of 7
CUI Inc
│ SERIES: VOF-550 │ DESCRIPTION: AC-DC POWER SUPPLY
RECOMMENDED CONDUCTION PLATE AND CLEARANCE
The conduction power rating referenced in the derating curves is with additional aluminum base plate of 3 mm thickness
with 177.8 mm (7”) length & 101.6 mm (4”) width. Clearance of minimum 15 mm above the component height is
recommended for better thermal management.
N
I
M
m
m
0
2
x
3
M
W
E
R
C
S
K
S
N
CI
M
m
m
0
2
x
3
M
W
E
R
C
S
K
S
C
R
E
H
S
A
W
D
N
A
T
U
N
3
M
R
E
H
S
A
W
D
N
A
T
U
N
3
M
R
O
T
C
E
N
N
O
C
1
JR
O
T
C
E
N
N
O
C
1
J
m
m
0
.
5
2m
m
0
.
5
2
m
m
0
.
5
1m
m
0
.
5
1
m
m
0
.
5
2m
m
0
.
5
2
n
i
Mn
i
M
y
l
p
p
u
s
r
e
w
o
Py
l
p
p
u
s
r
e
w
o
P
e
t
a
l
p
e
s
a
b
m
u
n
i
m
u
l
Ae
t
a
l
p
e
s
a
b
m
u
n
i
m
u
l
A
e
t
a
l
p
e
s
a
b
m
u
n
i
m
u
l
Ae
t
a
l
p
e
s
a
b
m
u
n
i
m
u
l
A
N
O
I
T
P
O
G
N
I
X
I
FN
O
I
T
P
O
G
N
I
X
I
F
MOUNTING OPTIONS
N
I
M
m
m
5
2
x
3
M
W
E
R
C
S
K
SN
CI
M
m
m
5
2
x
3
M
W
E
R
C
S
K
S
C
R
E
H
S
A
W
D
N
A
T
U
N
3
MR
E
H
S
A
W
D
N
A
T
U
N
3
M
R
E
C
A
P
S
M
M
4R
E
C
A
P
S
M
M
4
E
C
A
F
R
U
S
G
N
I
T
N
U
O
ME
C
A
F
R
U
S
G
N
I
T
N
U
O
M
3
M
F
F
O
D
N
A
T
S
3
M
F
F
O
D
N
A
T
S
E
C
A
F
R
U
S
G
N
I
T
N
U
O
ME
C
A
F
R
U
S
G
N
I
T
N
U
O
M
m
m
)
0
2
O
T
8
1
(
x
3
Mm
m
)
0
2
O
T
8
1
(
x
3
M
R
E
H
S
A
W
D
N
A
R
E
H
S
A
W
D
N
A
D
A
E
H
N
A
P
W
E
R
C
SD
A
E
H
N
A
P
W
E
R
C
S
1
-
N
O
I
T
P
O
G
N
I
X
I
F1
-
N
O
I
T
P
O
G
N
I
X
I
F
2
-
N
O
I
T
P
O
G
N
I
X
I
F2
-
N
O
I
T
P
O
G
N
I
X
I
F
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com