Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX753C/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX753C/D
Description  CCFL Backlight and LCD Contrast Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX753C/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX753C/D Datasheet HTML 1Page - Maxim Integrated Products MAX753C/D Datasheet HTML 2Page - Maxim Integrated Products MAX753C/D Datasheet HTML 3Page - Maxim Integrated Products MAX753C/D Datasheet HTML 4Page - Maxim Integrated Products MAX753C/D Datasheet HTML 5Page - Maxim Integrated Products MAX753C/D Datasheet HTML 6Page - Maxim Integrated Products MAX753C/D Datasheet HTML 7Page - Maxim Integrated Products MAX753C/D Datasheet HTML 8Page - Maxim Integrated Products MAX753C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
CCFL Backlight and
LCD Contrast Controllers
4
_______________________________________________________________________________________
______________________________________________________________Pin Description
Output of the CCFT Error Amplifier
CC
9
Connect to VDD
CS
10
Leave unconnected
CDRV
11
Power Ground Connection for LDRV
PGND
12
Gate-Driver Output. Drives LCD backplane N-channel MOSFET.
LDRV
13
Digital Input for CCFT Brightness Adjustment. See Table 1.
CADJ
5
Analog Ground
GND
6
Reference Voltage Output, 1.25V
REF
7
Inverting Input for the CCFT Error Amplifier
CFB
8
Digital Input to Control CCFT Section. See Table 1.
CON
4
Digital Input to Control LCD Bias Section. See Table 1.
LON
3
PIN
Digital Input for LCD Backplane Bias Adjustment. See Table 1.
LADJ
2
5V Power-Supply Input
VDD
1
FUNCTION
NAME
LCD Backplane Inductor Voltage-Sense Pin. Used to sense inductor voltage for on time determination.
LX
14
Battery Connection. Used to sense battery voltage for on time determination.
BATT
15
Voltage Feedback for the LCD Backplane Section
LFB
16
_______________Theory of Operation
CCFL Inverter
The MAX753/MAX754’s CCFL inverter is designed to
drive one or two cold-cathode fluorescent lamps
(CCFLs) with power levels from 100mW to 6W. These
lamps commonly provide backlighting for LCD panels
in portable computers.
Drive Requirements for CCFL Tubes
CCFL backlights require a high-voltage, adjustable AC
power source. The MAX753/MAX754 generate this AC
waveform with a self-oscillating, current-fed, parallel
resonant circuit, also known as a Royer-type oscillator.
Figure 1 shows one such circuit. The Royer oscillator is
comprised of T1, C9, the load at the secondary, Q4,
and Q5. The circuit self-oscillates at a frequency deter-
mined by the effective primary inductance and capaci-
tance. Q4 and Q5 are self-driven by the extra winding.
The current source feeding the Royer oscillator is com-
prised of L1, D5, and the MAX758A. When current from
the current source increases, so does the lamp current.
The lamp current is half-wave rectified by D7A and
D7B, and forms a voltage across resistor R8. The
MAX753’s error amplifier compares the average of this
voltage to the output of its internal DAC. Adjusting the
DAC output from zero scale to full scale (digital control)
causes the error amplifier to vary the tube current from
a minimum to a maximum. The DAC’s transfer function
is shown in Figure 2.
On power-up or after a reset, the counter sets the DAC
output to mid scale. Each rising edge of CADJ (with
CON high) decrements the DAC output. When decre-
mented beyond full scale, the counter rolls over and
sets the DAC to the maximum value. In this way, a sin-
gle pulse applied to CADJ decreases the DAC set-
point by one step, and 31 pulses increase the set-point
by one step.
The error amplifier’s output voltage controls the peak
current output of the MAX758A. The peak switch cur-
rent is therefore controlled by the output of the error
amplifier. The lower the error amplifier’s output, the
lower the peak current. Since the current through the
current source is related to the current through the
tube, the lower the error amplifier’s output, the lower the
tube current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com