Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC5603BAVLH4R Datasheet(PDF) 78 Page - NXP Semiconductors

Part # MPC5603BAVLH4R
Description  Single issue, 32-bit CPU core complex (e200z0)
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5603BAVLH4R Datasheet(HTML) 78 Page - NXP Semiconductors

Back Button MPC5603BAVLH4R Datasheet HTML 74Page - NXP Semiconductors MPC5603BAVLH4R Datasheet HTML 75Page - NXP Semiconductors MPC5603BAVLH4R Datasheet HTML 76Page - NXP Semiconductors MPC5603BAVLH4R Datasheet HTML 77Page - NXP Semiconductors MPC5603BAVLH4R Datasheet HTML 78Page - NXP Semiconductors MPC5603BAVLH4R Datasheet HTML 79Page - NXP Semiconductors MPC5603BAVLH4R Datasheet HTML 80Page - NXP Semiconductors MPC5603BAVLH4R Datasheet HTML 81Page - NXP Semiconductors MPC5603BAVLH4R Datasheet HTML 82Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 109 page
background image
MPC5604B/C Microcontroller Data Sheet, Rev. 15
Package pinouts and signal descriptions
NXP Semiconductors
78
CP3
CC D ADC input pin
capacitance 3
——
—
1
pF
RSW1
CC D Internal resistance of
analog source
——
—
3
k
Ω
RSW2
CC D Internal resistance of
analog source
——
—
2
k
Ω
RAD
CC D Internal resistance of
analog source
——
—
2
k
Ω
IINJ
SR — Input current Injection Current
injection on one
ADC input,
different from
the converted
one
VDD =
3.3 V ± 10%
−5—
5
mA
VDD =
5.0 V ± 10%
−5—
5
| INL |
CC T Absolute value for
integral non-linearity
No overload
—
0.5
1.5
LSB
| DNL | CC T Absolute differential
non-linearity
No overload
—
0.5
1.0
LSB
|EO |
CC T Absolute offset error
—
—
0.5
—
LSB
|EG |
CC T Absolute gain error
—
—
0.6
—
LSB
TUEp
CC P Total unadjusted error7
for precise channels,
input only pins
Without current injection
−20.6
2
LSB
T
With current injection
−33
TUEx
CC T Total unadjusted error7
for extended channel
Without current injection
−31
3
LSB
T
With current injection
−44
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified.
2 Analog and digital V
SS must be common (to be tied together externally).
3 V
AINx may exceed VSS_ADC and VDD_ADC limits, remaining on absolute maximum ratings, but the results of the
conversion will be clamped respectively to 0x000 or 0x3FF.
4 Duty cycle is ensured by using system clock without prescaling. When ADCLKSEL = 0, the duty cycle is ensured
by internal divider by 2.
5 During the sampling time the input capacitance C
S can be charged/discharged by the external source. The internal
resistance of the analog source must allow the capacitance to reach its final voltage level within ts. After the end of
the sampling time ts, changes of the analog input voltage have no effect on the conversion result. Values for the
sample clock ts depend on programming.
6 This parameter does not include the sampling time t
s, but only the time for determining the digital result and the time
to load the result’s register with the conversion result.
7 Total Unadjusted Error: The maximum error that occurs without adjusting Offset and Gain errors. This error is a
combination of Offset, Gain and Integral Linearity errors.
Table 44. ADC conversion characteristics (continued)
Symbol
C
Parameter
Conditions1
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com