Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IP1622 Datasheet(PDF) 11 Page - Interpion semiconductor

Part # IP1622
Description  DUAL OUTPUT VOLTAGE LDO REGULATOR RESET IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP1622 Datasheet(HTML) 11 Page - Interpion semiconductor

Back Button IP1622 Datasheet HTML 7Page - Interpion semiconductor IP1622 Datasheet HTML 8Page - Interpion semiconductor IP1622 Datasheet HTML 9Page - Interpion semiconductor IP1622 Datasheet HTML 10Page - Interpion semiconductor IP1622 Datasheet HTML 11Page - Interpion semiconductor IP1622 Datasheet HTML 12Page - Interpion semiconductor IP1622 Datasheet HTML 13Page - Interpion semiconductor IP1622 Datasheet HTML 14Page - Interpion semiconductor IP1622 Datasheet HTML 15Page - Interpion semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
April.2003 (Rev.1)
- 11 -
IP1622
DUAL OUTPUT VOLTAGE LDO REGULATOR + RESET IC
www.interpionsemi.com
ELECTRICAL CHARACTERISTICS CURVES (Continued)
0
20
40
60
80
-200
-100
0
100
200
Io=50mA
Io=500mA
VOUT1 Load Transient Response
Time (usec)
0
20
40
60
80
-300
-200
-100
0
100
200
Io=50mA
Io=300mA
VOUT2 Load Transient Response
Time (usec)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com