Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB7056 Datasheet(PDF) 18 Page - Microchip Technology

Part # USB7056
Description  6-Port USB 3.2 Gen 1 PD SmartHub??IC
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7056 Datasheet(HTML) 18 Page - Microchip Technology

Back Button USB7056 Datasheet HTML 14Page - Microchip Technology USB7056 Datasheet HTML 15Page - Microchip Technology USB7056 Datasheet HTML 16Page - Microchip Technology USB7056 Datasheet HTML 17Page - Microchip Technology USB7056 Datasheet HTML 18Page - Microchip Technology USB7056 Datasheet HTML 19Page - Microchip Technology USB7056 Datasheet HTML 20Page - Microchip Technology USB7056 Datasheet HTML 21Page - Microchip Technology USB7056 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 55 page
background image
USB7056
DS00002675F-page 18
 2022 Microchip Technology Inc. and its subsidiaries
DP1_DISCHARGE
I/O12
Port 1 DISCHARGE enable
PRT_CTL6
I/O12
(PU)
Port 6 power enable / overcurrent sense
When the downstream port is enabled, this pin is set as an input with an
internal pull-up resistor applied. The internal pull-up enables power to the
downstream port while the pin monitors for an active low overcurrent signal
assertion from an external current monitor on USB port 6.
This pin will change to an output and be driven low when the port is dis-
abled by configuration or by the host control.
Note:
When PortSplit is disabled, this signal controls both the USB 2.0
and USB 3.2 portions of the port. When PortSplit is enabled, this
signal controls the USB 2.0 portion of the port only.
PRT_CTL5
I/O12
(PU)
Port 5 power enable / overcurrent sense
When the downstream port is enabled, this pin is set as an input with an
internal pull-up resistor applied. The internal pull-up enables power to the
downstream port while the pin monitors for an active low overcurrent signal
assertion from an external current monitor on USB port 5.
This pin will change to an output and be driven low when the port is dis-
abled by configuration or by the host control.
Note:
When PortSplit is disabled, this signal controls both the USB 2.0
and USB 3.2 portions of the port. When PortSplit is enabled, this
signal controls the USB 2.0 portion of the port only.
PRT_CTL4
I/O12
(PU)
Port 4 power enable / overcurrent sense
When the downstream port is enabled, this pin is set as an input with an
internal pull-up resistor applied. The internal pull-up enables power to the
downstream port while the pin monitors for an active low overcurrent signal
assertion from an external current monitor on USB port 4.
This pin will change to an output and be driven low when the port is dis-
abled by configuration or by the host control.
Note:
When PortSplit is disabled, this signal controls both the USB 2.0
and USB 3.2 portions of the port. When PortSplit is enabled, this
signal controls the USB 2.0 portion of the port only.
PRT_CTL3
I/O12
(PU)
Port 3 power enable / overcurrent sense
When the downstream port is enabled, this pin is set as an input with an
internal pull-up resistor applied. The internal pull-up enables power to the
downstream port while the pin monitors for an active low overcurrent signal
assertion from an external current monitor on USB port 3.
This pin will change to an output and be driven low when the port is dis-
abled by configuration or by the host control.
Note:
When PortSplit is disabled, this signal controls both the USB 2.0
and USB 3.2 portions of the port. When PortSplit is enabled, this
signal controls the USB 2.0 portion of the port only.
TABLE 3-6:
PROGRAMMABLE FUNCTIONS DESCRIPTIONS (CONTINUED)
Function
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com