Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VMS-60 Datasheet(PDF) 1 Page - CUI INC

Part # VMS-60
Description  AC-DC POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VMS-60 Datasheet(HTML) 1 Page - CUI INC

  VMS-60 Datasheet HTML 1Page - CUI INC VMS-60 Datasheet HTML 2Page - CUI INC VMS-60 Datasheet HTML 3Page - CUI INC VMS-60 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
cui.com
date 05/10/2021
page 1 of 4
SERIES: VMS-60
│ DESCRIPTION: AC-DC POWER SUPPLY
MODEL
output
voltage
output
current
output
power
ripple
and noise1
efficiency2
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
typ
(%)
VMS-60-5
5
8
40
50
82
VMS-60-12
12
5
60
120
87
VMS-60-15
15
4
60
150
88
VMS-60-24
24
2.5
60
240
89
VMS-60-48
48
1.25
60
480
90
Notes:
1. Measured at 20MHz, with 0.1uF ceramic and 10uF electrolytic capacitors.
2. Measured at full load, 230 Vac, and 25°C
PART NUMBER KEY
VMS-60 - XX
Base Number
Output Voltage
FEATURES
• up to 60 W continuous power
• industry standard 2” x 4” footprint
• universal input (90 ~ 264 Vac)
• single output from 5 to 48 V
• no load power < 0.5W
• over voltage and short circuit protections
• full medical safety approvals
• efficiency up to 90%
RoHS
Additional Resources: Product Page | 3D Model


Similar Part No. - VMS-60

ManufacturerPart #DatasheetDescription
logo
CUI INC
VMS-60 CUI-VMS-60 Datasheet
587Kb / 4P
AC-DC POWER SUPPLY
VMS-60-12 CUI-VMS-60-12 Datasheet
263Kb / 4P
AC-DC POWER SUPPLY
VMS-60-12 CUI-VMS-60-12 Datasheet
587Kb / 4P
AC-DC POWER SUPPLY
VMS-60-15 CUI-VMS-60-15 Datasheet
263Kb / 4P
AC-DC POWER SUPPLY
VMS-60-15 CUI-VMS-60-15 Datasheet
587Kb / 4P
AC-DC POWER SUPPLY
More results

Similar Description - VMS-60

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH0018 ETC2-CH0018 Datasheet
229Kb / 1P
AC/DC Power Supply
logo
CUI INC
VOF-6 CUI-VOF-6_11 Datasheet
239Kb / 5P
AC-DC POWER SUPPLY
VOF-10 CUI-VOF-10_11 Datasheet
208Kb / 5P
AC-DC POWER SUPPLY
VOF-25 CUI-VOF-25_11 Datasheet
265Kb / 5P
AC-DC POWER SUPPLY
VOF-45 CUI-VOF-45_11 Datasheet
237Kb / 5P
AC-DC POWER SUPPLY
VGD-30-D512 CUI-VGD-30-D512 Datasheet
313Kb / 4P
AC-DC POWER SUPPLY
VFM40-D512 CUI-VFM40-D512_12 Datasheet
253Kb / 4P
AC-DC POWER SUPPLY
VSK-S20-3R3U CUI-VSK-S20-3R3U Datasheet
155Kb / 4P
AC-DC POWER SUPPLY
VSK-S10-3R3UA-T CUI-VSK-S10-3R3UA-T Datasheet
370Kb / 5P
AC-DC POWER SUPPLY
VOF-80 CUI-VOF-80_12 Datasheet
250Kb / 5P
AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com