Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VOF-550C Datasheet(PDF) 7 Page - CUI INC

Part # VOF-550C
Description  AC-DC POWER SUPPLY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-550C Datasheet(HTML) 7 Page - CUI INC

Back Button VOF-550C Datasheet HTML 2Page - CUI INC VOF-550C Datasheet HTML 3Page - CUI INC VOF-550C Datasheet HTML 4Page - CUI INC VOF-550C Datasheet HTML 5Page - CUI INC VOF-550C Datasheet HTML 6Page - CUI INC VOF-550C Datasheet HTML 7Page - CUI INC VOF-550C Datasheet HTML 8Page - CUI INC VOF-550C Datasheet HTML 9Page - CUI INC VOF-550C Datasheet HTML 10Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
cui.com
date 12/21/2021
│ page 7 of 10
CUI Inc
│ SERIES: VOF-550C │ DESCRIPTION: AC-DC POWER SUPPLY
Covered
units: mm [inch]
general tolerance: ±1.00 [±0.039]
pin 7,8 connector tightening torque: M4, 1.2N·m (max)
MECHANICAL DRAWING (CONTINUED)
Position
Screw Spec.
L
(max)
Torque
(max)
1 ~ 2
M3
4mm
0.4 N·m
3 ~ 6
M3
2mm
0.4 N·m
Note: Safety Class I integrations require the metal case to be securely fastened to protective
earth ground (
).
PIN-OUT
PIN
Function
Mating Connector
1
AC (L)
Housing: JST VHR or equivalent
Contact: JST SVH-21T-P1.1 or equivalent
2
NC
3
AC (N)
4
GND
Contact: JST SPS-21T-250
5
FAN+
CN5: Fan power output port
Housing: TKP 2502 or equivalent
Contact: TKP 8811 or equivalent
6
FAN-
7
+Vo
8
-Vo
9
ADJ
(Trim POT)
CN6: PS_ON signal input port (3-4)
5Vdc standby (1-2)
PIN
Function
Mating Connector
1
+5V
Housing: JST PHD-2*2Y
or equivalent
Contact: JST PHD-TE
or equivalent
2
GND
3
PS-ON
4
GND
CN2: remote sensing signal input port (1-2)
PG signal (3-4)
PIN
Function
Mating Connector
1
RS-
Housing: JST PHD-2*2Y
or equivalent
Contact: JST PHD-TE
or equivalent
2
RS+
3
GND
4
PG
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com