Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VOF-200C Datasheet(PDF) 1 Page - CUI INC

Part # VOF-200C
Description  AC-DC POWER SUPPLY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-200C Datasheet(HTML) 1 Page - CUI INC

  VOF-200C Datasheet HTML 1Page - CUI INC VOF-200C Datasheet HTML 2Page - CUI INC VOF-200C Datasheet HTML 3Page - CUI INC VOF-200C Datasheet HTML 4Page - CUI INC VOF-200C Datasheet HTML 5Page - CUI INC VOF-200C Datasheet HTML 6Page - CUI INC VOF-200C Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
cui.com
date 06/14/2021
page 1 of 7
SERIES: VOF-200C
│ DESCRIPTION: AC-DC POWER SUPPLY
MODEL
output
voltage
output
current
output
power
ripple
and noise2
efficiency3
(Vdc)
range¹
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
typ
(%)
VOF-200C-12
12
11.8~12.6
16.6
200
60
93
VOF-200C-15
15
14.7~15.8
13.3
200
100
93
VOF-200C-24
24
23.5~25.2
8.33
200
100
94
VOF-200C-27
27
26.5~28.4
7.40
200
100
94
VOF-200C-36
36
35.28~37.8
5.56
200
100
94
VOF-200C-48
48
47.1~50.4
4.16
200
100
94
Notes:
1. When adjusting the output voltage care should be taken never to exceed the stated output power or output current of the unit.
2. At full load, nominal input, 20 MHz bandwidth oscilloscope, tip & barrel method, output terminated with 10 µF electrolytic and 0.1 µF ceramic capacitors.
Under light load conditions (<15%) the measurement may double in an effort to maximize converter efficiency.
3. At 230 Vac.
FEATURES
• universal input voltage (85 ~ 264 Vac)
• active power factor correction
• certified to 62368, 60335, and 61558 safety standards
• suitable for safety class I or class II installations
• over voltage, over current, over temperature, and short circuit protections
• adjustable output via trim POT
• low leakage current (< 0.1 mA)
• low standby power consumption (0.5 W)
PART NUMBER KEY
Base Number
VOF-200C - XX - XXX
Output Voltage
Chassis:
“blank” = open-frame
CNF = covered
Additional Resources: Product Page | 3D Model


Similar Part No. - VOF-200C

ManufacturerPart #DatasheetDescription
logo
CUI INC
VOF-20B CUI-VOF-20B Datasheet
502Kb / 5P
AC-DC POWER SUPPLY
VOF-20B CUI-VOF-20B Datasheet
1Mb / 5P
AC-DC POWER SUPPLY
03/26/2021
VOF-20B-S12 CUI-VOF-20B-S12 Datasheet
502Kb / 5P
AC-DC POWER SUPPLY
VOF-20B-S12 CUI-VOF-20B-S12 Datasheet
1Mb / 5P
AC-DC POWER SUPPLY
03/26/2021
VOF-20B-S15 CUI-VOF-20B-S15 Datasheet
502Kb / 5P
AC-DC POWER SUPPLY
More results

Similar Description - VOF-200C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH0018 ETC2-CH0018 Datasheet
229Kb / 1P
AC/DC Power Supply
logo
CUI INC
VOF-6 CUI-VOF-6_11 Datasheet
239Kb / 5P
AC-DC POWER SUPPLY
VOF-10 CUI-VOF-10_11 Datasheet
208Kb / 5P
AC-DC POWER SUPPLY
VOF-25 CUI-VOF-25_11 Datasheet
265Kb / 5P
AC-DC POWER SUPPLY
VOF-45 CUI-VOF-45_11 Datasheet
237Kb / 5P
AC-DC POWER SUPPLY
VGD-30-D512 CUI-VGD-30-D512 Datasheet
313Kb / 4P
AC-DC POWER SUPPLY
VFM40-D512 CUI-VFM40-D512_12 Datasheet
253Kb / 4P
AC-DC POWER SUPPLY
VSK-S20-3R3U CUI-VSK-S20-3R3U Datasheet
155Kb / 4P
AC-DC POWER SUPPLY
VSK-S10-3R3UA-T CUI-VSK-S10-3R3UA-T Datasheet
370Kb / 5P
AC-DC POWER SUPPLY
VOF-80 CUI-VOF-80_12 Datasheet
250Kb / 5P
AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com