Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VOF-130-48 Datasheet(PDF) 1 Page - CUI INC

Part # VOF-130-48
Description  AC-DC POWER SUPPLY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-130-48 Datasheet(HTML) 1 Page - CUI INC

  VOF-130-48 Datasheet HTML 1Page - CUI INC VOF-130-48 Datasheet HTML 2Page - CUI INC VOF-130-48 Datasheet HTML 3Page - CUI INC VOF-130-48 Datasheet HTML 4Page - CUI INC VOF-130-48 Datasheet HTML 5Page - CUI INC VOF-130-48 Datasheet HTML 6Page - CUI INC VOF-130-48 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
cui.com
date 11/08/2021
page 1 of 7
SERIES: VOF-130
│ DESCRIPTION: AC-DC POWER SUPPLY
MODEL
output
voltage
output
current1
output
power2
ripple
and noise3
efficiency4
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
typ
(%)
VOF-130-12
12
10.8
130
120
93
VOF-130-24
24
5.4
130
240
93
VOF-130-36
36
3.6
130
360
94
VOF-130-48
48
2.7
130
480
94
Notes:
1. Maximum output power of 130 W with 10 CFM forced air cooling, and 100 W with natural convection. See derating curves.
2. With forced air (10 CFM).
3. At full load, nominal input, 20 MHz bandwidth oscilloscope with 10 µF electrolytic and 0.1 µF ceramic capacitors.
4. At 230 Vac, 25°C, 75% load.
FEATURES
• 80 ~ 264 Vac input voltage range
• 2” x 3” open frame chassis
• 100 W power output with natural convection
• 130 W power output with forced air cooling
• active PFC
• IEC 62368-1 approved
• IEC Class I & Class II safety approved
PART NUMBER KEY
Base Number
VOF-130 - XX - XXX
Output Voltage
Chassis:
“blank” = open-frame
BP = base plate
CNF = covered
Additional Resources: Product Page | 3D Model


Similar Part No. - VOF-130-48

ManufacturerPart #DatasheetDescription
logo
CUI INC
VOF-10 CUI-VOF-10 Datasheet
160Kb / 4P
SWITCHING POWER SUPPLY
VOF-10 CUI-VOF-10 Datasheet
208Kb / 5P
AC-DC POWER SUPPLY
VOF-10 CUI-VOF-10 Datasheet
449Kb / 5P
AC-DC POWER SUPPLY
12/29/2015
VOF-10-12 CUI-VOF-10-12 Datasheet
160Kb / 4P
SWITCHING POWER SUPPLY
VOF-10-12 CUI-VOF-10-12 Datasheet
208Kb / 5P
AC-DC POWER SUPPLY
More results

Similar Description - VOF-130-48

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH0018 ETC2-CH0018 Datasheet
229Kb / 1P
AC/DC Power Supply
logo
CUI INC
VOF-6 CUI-VOF-6_11 Datasheet
239Kb / 5P
AC-DC POWER SUPPLY
VOF-10 CUI-VOF-10_11 Datasheet
208Kb / 5P
AC-DC POWER SUPPLY
VOF-25 CUI-VOF-25_11 Datasheet
265Kb / 5P
AC-DC POWER SUPPLY
VOF-45 CUI-VOF-45_11 Datasheet
237Kb / 5P
AC-DC POWER SUPPLY
VGD-30-D512 CUI-VGD-30-D512 Datasheet
313Kb / 4P
AC-DC POWER SUPPLY
VFM40-D512 CUI-VFM40-D512_12 Datasheet
253Kb / 4P
AC-DC POWER SUPPLY
VSK-S20-3R3U CUI-VSK-S20-3R3U Datasheet
155Kb / 4P
AC-DC POWER SUPPLY
VSK-S10-3R3UA-T CUI-VSK-S10-3R3UA-T Datasheet
370Kb / 5P
AC-DC POWER SUPPLY
VOF-80 CUI-VOF-80_12 Datasheet
250Kb / 5P
AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com