Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

727-229-023-000 Datasheet(PDF) 5 Page - WAGO Kontakttechnik GmbH & Co. KG

Part # 727-229-023-000
Description  4-level terminal block for matrix patching; with locking clips
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
Direct Link  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG

727-229-023-000 Datasheet(HTML) 5 Page - WAGO Kontakttechnik GmbH & Co. KG

  727-229-023-000 Datasheet HTML 1Page - WAGO Kontakttechnik GmbH & Co. KG 727-229-023-000 Datasheet HTML 2Page - WAGO Kontakttechnik GmbH & Co. KG 727-229-023-000 Datasheet HTML 3Page - WAGO Kontakttechnik GmbH & Co. KG 727-229-023-000 Datasheet HTML 4Page - WAGO Kontakttechnik GmbH & Co. KG 727-229-023-000 Datasheet HTML 5Page - WAGO Kontakttechnik GmbH & Co. KG 727-229-023-000 Datasheet HTML 6Page - WAGO Kontakttechnik GmbH & Co. KG 727-229-023-000 Datasheet HTML 7Page - WAGO Kontakttechnik GmbH & Co. KG 727-229-023-000 Datasheet HTML 8Page - WAGO Kontakttechnik GmbH & Co. KG 727-229-023-000 Datasheet HTML 9Page - WAGO Kontakttechnik GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Data sheet | Item number: 727-229/023-000
www.wago.com/727-229/023-000
Subject to changes. Please also observe the further product documentation!
WAGO GmbH & Co. KG
Hansastr. 27
32423 Minden
Phone: +49571 887-0 | Fax: +49571 887-169
Email: info.de@wago.com | Web: www.wago.com
Do you have any questions about our products?
We are always happy to take your call at +49 (571) 887-44222.
29.12.2021    Page /
5 13
Item no.: 793-501/000-007
WMB marking card; as card; not stretchable; plain; snap-on type; gray
www.wago.com/793-501
/000-007
Item no.: 793-501/000-017
WMB marking card; as card; not stretchable; plain; snap-on type; light green
www.wago.com/793-501
/000-017
Item no.: 793-501/000-012
WMB marking card; as card; not stretchable; plain; snap-on type; orange
www.wago.com/793-501
/000-012
Item no.: 793-501/000-023
WMB marking card; as card; not stretchable; plain; snap-on type; green
www.wago.com/793-501
/000-023
Item no.: 793-501/000-006
WMB marking card; as card; not stretchable; plain; snap-on type; blue
www.wago.com/793-501
/000-006
Item no.: 793-501/000-005
WMB marking card; as card; not stretchable; plain; snap-on type; red
www.wago.com/793-501
/000-005
Item no.: 793-501
WMB marking card; as card; not stretchable; plain; snap-on type; white
www.wago.com/793-501
Item no.: 793-501/000-024
WMB marking card; as card; not stretchable; plain; snap-on type; violet
www.wago.com/793-501
/000-024
Item no.: 793-5501/000-005
WMB marking card; as card; for terminal block width 5 - 17.5 mm; stretchable 5 - 5.2 mm; plain; snap-on
type; red
www.wago.com/793-5501
/000-005
Item no.: 793-5501/000-002
WMB marking card; as card; for terminal block width 5 - 17.5 mm; stretchable 5 - 5.2 mm; plain; snap-on
type; yellow
www.wago.com/793-5501
/000-002
Item no.: 793-5501/000-006
WMB marking card; as card; for terminal block width 5 - 17.5 mm; stretchable 5 - 5.2 mm; plain; snap-on
type; blue
www.wago.com/793-5501
/000-006
Item no.: 793-5501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com