Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HS3160 Datasheet(PDF) 3 Page - Sipex Corporation

Part # HS3160
Description  16-Bit Multiplying DACs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

HS3160 Datasheet(HTML) 3 Page - Sipex Corporation

  HS3160 Datasheet HTML 1Page - Sipex Corporation HS3160 Datasheet HTML 2Page - Sipex Corporation HS3160 Datasheet HTML 3Page - Sipex Corporation HS3160 Datasheet HTML 4Page - Sipex Corporation HS3160 Datasheet HTML 5Page - Sipex Corporation HS3160 Datasheet HTML 6Page - Sipex Corporation HS3160 Datasheet HTML 7Page - Sipex Corporation HS3160 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Corporation
SIGNAL PROCESSING EXCELLENCE
129
0.048%
0.024%
0.012%
0.006%
0.003%
4
6
8
10
12
14
16
18
V DD -VOLTS
Linearity vs. Supply Voltage
2.5
4
10
6
8
10
12
14
16
18
2.0
1.5
1.0
V
DD
-VOLTS
Power Supply Current vs. Voltage
0.048
0.024
0.012
0.006
0.003
0.01
0.1
1
10
VREF -VOLTS
Integral Linearity Error vs. Reference Voltage
CHARACTERISTIC CURVES
(Typical @ + 25
°C, V
DD = + 15VDC, VREF = + 10VDC, unless otherwise noted.)
Additional Linearity Error vs. Output-Amplifier
Offset-Voltage (V
REF = + 10V)
0.01
4
6
8
10
12
14
16
18
0.004
0.002
0
V
DD
-VOLTS
0.008
0.006
Gain Change vs. Supply Voltage
50
40
30
20
10
0
010
2030
40
50
2 LSB
1 LSB
1/2 LSB @ 16 BITS
VOS-mV
SPECIFICATIONS (continued)
(Typical @ 25
°C, nominal power supply, V
REF = +10V, unipolar unless otherwise noted)
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
ENVIRONMENTAL AND MECHANICAL
Operating Temperature
SP7516JN/KN
0
+70
°C
SP7516AN/BN
–40
+85
°C
HS3160–C
0
+70
°C
HS3160–B
–55
+125
°C
HS3160–B/883
–55
+125
°C
Storage Temperature
–65
+150
°C
Package
SP7516_N
24-pin SOIC
HS3160
22–pin Side–Brazed DIP
Notes:
1.
Digital input voltage must not exceed supply voltage or go below –0.5V ; “0” <0.8V; 2.4V < “1”
≤V
DD.
2.
AC or DC; use R6758–1 for fixed reference applications
3.
Using the internal feedback resistor and an external op amp. The Scale Factor can be adjusted externally by variable resistors in series with the
reference input and/or in series to the internal feedback resistor. Please refer to the Applications Information section.
4.
At 25
°C; the output leakage current will create an offset voltage at the external op amps output. It doubles every 10°C temperature increase.
5.
Integral Linearity is measured as the arithmetic mean value of the magnitudes of the greatest positive deviation and the greatest negative deviation from
the theoretical value for any given input combination.
6.
Differential Linearity is the deviation of an output step form the theoretical value of 1LSB for any two adjacent digital input codes.
7.
At 25
°C, the output leakage current will create an offset voltage output. It doubles every 10°C temperature increase.
8.
Using the internal feedback resistor and an external op amp.
9.
Use series 470ohm resistor to limit startup current.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com