Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SW7N60 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SW7N60
Description  N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SW7N60 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SW7N60 Datasheet HTML 1Page - List of Unclassifed Manufacturers SW7N60 Datasheet HTML 2Page - List of Unclassifed Manufacturers SW7N60 Datasheet HTML 3Page - List of Unclassifed Manufacturers SW7N60 Datasheet HTML 4Page - List of Unclassifed Manufacturers SW7N60 Datasheet HTML 5Page - List of Unclassifed Manufacturers SW7N60 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SAMWIN
SW7N60
REV0.2
04.11.1
4/6
Fig 7. Breakdown Voltage Variation vs.
Junction Temperature
Fig 8. On-Resistance Variation vs.
Junction Temperature
Fig 11. Transient Thermal Response Curve
Fig 10. Maximum Drain Current
Vs. Case Temperature
Fig9. Maximum Safe Operating
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
Note:
1.V
GS=0V
2.I
D=250uA
T
J
,Junction Temperatur [
o
C]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Note:
1.V
GS
=10V
2.I
D=3.5A
T
J
,Junction Temperature[
oC]
1
10
100
1000
0.1
1
10
100
V
D
,Drain-Source Voltage[V]
Note:
1.Tc=25
C
2.Tj=150
C
3.Single Pulse
100us
1ms
10ms
DC
Operation In This Area
Limted By R
DS(ON)
25
50
75
100
125
150
0
2
4
6
8
T
c
,Case Temperature [
oC]
1 E - 5
1 E - 4
1 E - 3
0 .0 1
0 . 1
1
1 0
0 .0 1
0 .1
1
s in g le p u ls e
D = 0 .5
0 .2
0 .1
0 .0 5
0 .0 2
t
1
,S q u a r e W a v e P u ls e D u r a ti o n ( s e c )
 N o te :
1 . Z
JC
( t ) = 0 . 8 8
o
C / w M a x
2 . D u t y F a c t o r ,D = t 1 / t2
3 . T j-T c = P
D M
* Z JC(t)
0 .0 1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com