Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FUSB15201 Datasheet(PDF) 13 Page - ON Semiconductor

Part # FUSB15201
Description  Dual Port USB Type-C & PD Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB15201 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button FUSB15201 Datasheet HTML 9Page - ON Semiconductor FUSB15201 Datasheet HTML 10Page - ON Semiconductor FUSB15201 Datasheet HTML 11Page - ON Semiconductor FUSB15201 Datasheet HTML 12Page - ON Semiconductor FUSB15201 Datasheet HTML 13Page - ON Semiconductor FUSB15201 Datasheet HTML 14Page - ON Semiconductor FUSB15201 Datasheet HTML 15Page - ON Semiconductor FUSB15201 Datasheet HTML 16Page - ON Semiconductor FUSB15201 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
FUSB15201
www.onsemi.com
13
USB Type−C & PD Peripheral Overview
The USB Type−C and PD peripheral is a fully compliant
USB Type−C and PD solution.
This peripheral consists of an analog front end and a
digital state machine. Firmware implements the higher level
protocol and policy layers whereas the analog and digital
components can perform lower level PD protocol and PHY
layer functions.
The Type−C block includes all terminations and
comparators required for Source/Sink/DRP operation: plug
orientation detection, power capability advertisement
and power role detection. If no VDD is applied, the CC Pins
are high impedance.
Figure 5. USB Type−C and PD
USB PD PHY
BMC
DRIVER
BMC
Encode
BMC
Decode
CC State Machine &
Comparators
vdd
LV REG
ADC
SRAM
6KB
Flash
132KB
ARM
M0+
Timers
Type−C
USB PD
BMC
Rcvr
CDR
CRC32Rx
4B5B
4B5B
CRC32Tx
Type−C Terminations
VDD
VCONN Switch
CC1
CC2
VCONN Switch
Some applications require that a VCONN voltage be
sourced in order to provide additional capabilities, such as
greater than 3 A VBUS sourcing or support for full−featured
Type−C cables.
The FUSB15201 can provide 1.5 W or more depending on
VDD level.
USB PD PHY State Machine Logic
The FUSB15201 PD module includes the following
digital functions to enable USB PD messaging:
Serialization and de−serialization
Clock and data recovery (CDR)
4B5B coding
BMC coding
Packet CRC generation and checking
Coding and detection of Power Delivery K−Codes
Automatic GoodCRC packet response
VBUS Discharge
The FUSB15201 is able to discharge VBUS via selectable
pull−down resistors.
Typical source applications will rely on the DC−DC
converter to transition between VBUS voltages.
If the application requires the FUSB15201 to discharge
VBUS, the firmware may select the proper resistance
of the discharge. Selection of discharge resistance needs to
take into account any capacitive load on VBUS as not to
violate VsrcSlewNeg in the USB PD spec (30 mV/
ms).
Source applications, where the FUSB15201 internal
discharge is utilized, will have to isolate any large bulk
capacitances in order to prevent extreme internal
temperature rises. Typical isolated source capacitances
are around 4.7
mF.
The FUSB15201 is capable of discharging up to 100
mF
from VBUS in the entire operating range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com