| Electronic Components Datasheet Search |
|
SPC5643LFAMLL6 Datasheet(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SPC5643LFAMLL6 Datasheet(HTML) 7 Page - NXP Semiconductors |
|
7 / 136 page ![]() Introduction MPC5643L Microcontroller Data Sheet, Rev. 10 NXP Semiconductors 7 1.5 Feature details 1.5.1 High-performance e200z4d core The e200z4d Power Architecture® core provides the following features: • 2 independent execution units, both supporting fixed-point and floating-point operations • Dual issue 32-bit Power Architecture technology compliant — 5-stage pipeline (IF, DEC, EX1, EX2, WB) — In-order execution and instruction retirement • Full support for Power Architecture instruction set and Variable Length Encoding (VLE) — Mix of classic 32-bit and 16-bit instruction allowed — Optimization of code size possible • Thirty-two 64-bit general purpose registers (GPRs) • Harvard bus (32-bit address, 64-bit data) — I-Bus interface capable of one outstanding transaction plus one piped with no wait-on-data return — D-Bus interface capable of two transactions outstanding to fill AHB pipe • I-cache and I-cache controller — 4 KB, 256-bit cache line (programmable for 2- or 4-way) • No data cache • 16-entry MMU • 8-entry branch table buffer • Branch look-ahead instruction buffer to accelerate branching • Dedicated branch address calculator • 3 cycles worst case for missed branch • Load/store unit — Fully pipelined — Single-cycle load latency — Big- and little-endian modes supported — Misaligned access support — Single stall cycle on load to use • Single-cycle throughput (2-cycle latency) integer 32 × 32 multiplication • 4 – 14 cycles integer 32 × 32 division (average division on various benchmark of nine cycles) • Single precision floating-point unit — 1 cycle throughput (2-cycle latency) floating-point 32 × 32 multiplication — Target 9 cycles (worst case acceptable is 12 cycles) throughput floating-point 32 × 32 division — Special square root and min/max function implemented • Signal processing support: APU-SPE 1.1 — Support for vectorized mode: as many as two floating-point instructions per clock • Vectored interrupt support • Reservation instruction to support read-modify-write constructs • Extensive system development and tracing support via Nexus debug port |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |