Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

OPF390D Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OPF390D
Description  Fiber Optic GaA lAs High Speed LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPF390D Datasheet(HTML) 2 Page - OPTEK Technologies

  OPF390D Datasheet HTML 1Page - OPTEK Technologies OPF390D Datasheet HTML 2Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Types OPF390A, OPF390B, OPF390C, OPF390D
Optek reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(214)323-2200
Fax (214)323-2396
Electrical Characteristics (TA = 25
o C unless otherwise noted)
SYMBOL
PARAMETER
DOT
MIN TYP MAX UNITS
TEST CONDITIONS
PO
Radiant Power Output
OPF390D
OPF390C
OPF390B
OPF390A
(Silver)
(Black)
(Green)
(Orange)
5.0
10.0
15.0
20.0
7.5
12.5
18.0
25.0
µW
IF = 100 mA
(2)
VF
Forward Voltage
1.8
2.0
V
IF = 100 mA
λp
Peak Output Wavelength
830
850
870
nm
IF = 50 mA
B
Spectral Band Width Between Half Power Points
35
nm
IF = 50 mA
tr
Output Rise Time
4.5
6.0
ns
IF = 100 mA, 10%-90%
(5)
tf
Output Fall Time
4.5
6.0
ns
IF = 100 mA, 90%-10%
(5)
Typical Performance Curves
Temperatures are
stepped in 25
o C
increments.
-50
o C
100
o C
Relative Coupled Power vs. Forward
Current
Forward Current - mA
-50
o C
100
o C
Temperatures are
stepped in 25
o C
increments.
8-57
Forward Voltage vs.
Forward Current
Forward Current - mA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com