Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADE7912 Datasheet(PDF) 36 Page - Analog Devices

Part # ADE7912
Description  3-Channel, Isolated, Sigma-Delta ADC with SPI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7912 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADE7912 Datasheet HTML 32Page - Analog Devices ADE7912 Datasheet HTML 33Page - Analog Devices ADE7912 Datasheet HTML 34Page - Analog Devices ADE7912 Datasheet HTML 35Page - Analog Devices ADE7912 Datasheet HTML 36Page - Analog Devices ADE7912 Datasheet HTML 37Page - Analog Devices ADE7912 Datasheet HTML 38Page - Analog Devices ADE7912 Datasheet HTML 39Page - Analog Devices ADE7912 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
ADE7912/ADE7913
Data Sheet
Rev. C | Page 36 of 41
Power-Up Procedure for Systems with Multiple Devices
That Use Clock Generated from Microcontroller
For polyphase energy meters in which the microcontroller
generates the clock signal used by all ADE7912/ADE7913
devices (see Figure 35), the power-up procedure is as follows:
1. Supply VDD to the ADE7912/ADE7913 devices. To ensure
that the ADE7912/ADE7913 devices start functioning
correctly, the supply must reach 3.3 V − 10% in less than
23 ms from approximately a 2.6 V level.
2. Generate the clock signal from the microcontroller to all
ADE7912/ADE7913 devices.
3. The dc-to-dc converters power up and supply the isolated
side of the ADE7912/ADE7913 devices. The Σ-Δ modulators
become functional. This process takes approximately
100 ms to execute when the recommended capacitors on
the VDDISO, LDO, and REF pins described in Table 9 are
used. After this time, the isolated sides of the ADE7912/
ADE7913 devices are fully functional.
4. Read the STATUS0 registers of the ADE7912/ADE7913
devices until Bit 0 (RESET_ON) is cleared to 0, indicating
that the nonisolated side of the ADE7912/ADE7913 devices
is fully functional with default settings. This happens
approximately 20 ms after the clock signal is provided.
5. Initialize the CONFIG register of the ADE7912/ADE7913
devices with Bit 0 (CLKOUT_EN) cleared to 0 to avoid
generating an unnecessary clock at the CLKOUT/DREADY
pin. Select one ADE7912/ADE7913 device (Phase C
ADE7912/ADE7913 in Figure 35, for example) and connect
the CLKOUT/DREADY pin to an external interrupt I/O
pin of the microcontroller.
6. Initialize EMI_CTRL, the emissions control register, of all
ADE7912/ADE7913 devices.
7. Execute a SYNC_SNAP = 0x01 write broadcast to synchronize
all the ADE7912/ADE7913 devices of the meter (see the
Synchronizing Multiple ADE7912/ADE7913 Devices
sections for details).
8. Execute a lock = 0xCA write broadcast to protect the
configuration registers of all ADE7912/ADE7913 devices.
See the Protecting the Integrity of Configuration Registers
section.
9. Every couple of seconds, disable the registers protection,
execute a SYNC_SNAP = 0x02 write broadcast to read the
COUNTER1 and COUNTER0 registers of every ADE7912/
ADE7913, and verify if resynchronization is necessary.
Resynchronize the ADE7912/ADE7913 devices that are out
of synchronization (see the Synchronizing Multiple
ADE7912/ADE7913 Devices section) and then reenable
protection of the configuration registers.
HARDWARE RESET
The ADE7912/ADE7913 do not have a dedicated reset pin.
Instead, while the SCLK pin is receiving the serial clock, the CS
and MOSI pins can be kept low by executing an SPI broadcast
write operation in which the lines are kept low for 64 SCLK
cycles. This is equivalent to sending eight bytes equal to 0x00 to
the ADE7912/ADE7913 to accomplish a hardware reset.
During a hardware reset, all the registers are set to their default
values and the dc-to-dc converter is shut down. This procedure
can be done simultaneously for all ADE7912/ADE7913 devices
in a polyphase energy meter. At the end of the reset period, the
ADE7912/ADE7913 clears Bit 0 (RESET_ON) to 0 in the
STATUS0 register. At this point, one of the procedures described in
the Power-Up and Initialization Procedures section must be
followed to initialize the ADE7912/ADE7913 devices correctly.
SOFTWARE RESET
Bit 6 (SWRST) in the CONFIG register manages the software
reset functionality. The default value of this bit is 0. If this bit is
set to 1, the ADE7912/ADE7913 enter the software reset state.
In this state, all the internal registers are reset to their default
values. The dc-to-dc converter continues to function. When the
software reset ends, Bit 6 (SWRST) in the CONFIG register
clears automatically to 0, and Bit 0 (RESET_ON) in the STATUS0
register is cleared to 0. If the configuration registers are
protected using a lock = 0xCA register write, first unlock the
registers by writing lock = 0x9C and then write to the CONFIG
register by setting Bit 6 (SWRST) to 1 to start a software reset.
At this point, one of the procedures described in the Power-Up
and Initialization Procedures section must be followed to
initialize the ADE7912/ADE7913 correctly.
POWER-DOWN MODE
There are situations in which the ADCs of the ADE7912/
ADE7913 do not need to function and it is desirable to lower
the current consumption of the device. When set to 1, Bit 2
(PWRDWN_EN) in the CONFIG register turns off the dc-to-
dc converter and shuts down the Σ-Δ modulators. Although
the ADE7912/ADE7913 configuration registers maintain their
values, the IWV, V1WV, and V2WV ADC output registers are
in an undefined state. If PWRDWN_EN is cleared to 0, the
default value, the dc-to-dc converter is functional and the Σ-Δ
modulators are active.
If the microcontroller generates the clock to all ADE7912/
ADE7913 devices (the configuration shown in Figure 35), the
current consumption can be further reduced by keeping the
XTAL1 pin continuously high or low, practically shutting down
the clock. The ADE7912/ADE7913 stop functioning. When the
clock is restarted, as a good programming practice, execute a
hardware reset to restart the ADE7912/ADE7913.
In systems in which the CLKOUT/DREADY pin of one ADE7912/
ADE7913 device clocks other ADE7912/ADE7913 devices (the
configuration shown in Figure 34, Figure 36, and Figure 37),
lower current consumption of the ADE7912/ADE7913 devices
can be achieved by clearing Bit 0 (CLKOUT_EN) to 0 in the
CONFIG register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com