Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FMSB307S Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # FMSB307S
Description  VOLTAGE RANGE 1000 Volts CURRENT 3.0 Ampere SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FMSB307S Datasheet(HTML) 2 Page - Rectron Semiconductor

  FMSB307S Datasheet HTML 1Page - Rectron Semiconductor FMSB307S Datasheet HTML 2Page - Rectron Semiconductor FMSB307S Datasheet HTML 3Page - Rectron Semiconductor FMSB307S Datasheet HTML 4Page - Rectron Semiconductor FMSB307S Datasheet HTML 5Page - Rectron Semiconductor FMSB307S Datasheet HTML 6Page - Rectron Semiconductor FMSB307S Datasheet HTML 7Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
o
INSTANTANEOUS FORWARD VOLTAGE, (V)
0
0.01
0.1
1
10
0
30
60
90
120
150
180
2.0
1.5
0.5
1.0
2.5
100
40
60
20
10
1
2
4
6
FIG.2
INSTANTANEOUS
FORWARD CHARACTERISTICS
CASE TEMPERATURE, ( C)
20
0
2.0
3.0
4.0
80
40
60
100
120
140 150
FIG.4 TY
YPIICAL FORWARD CURRENT
DERATING CURVE
NUMBER OF CYCLES AT 60Hz
8.3mS Single Half Sine-Wave
JEDEC Method
FIG. 1 MAXIMUM NON-R
REPETITI
I
VE
FORWARD SURGE CURRENT
TJ = 25 C
Pulse Width = 300mS
1% Duty Cycle
60 Hz RESISTIVE OR
INDUCTIVE LOAD
1.0
PERCENT RATED PEAK REVERSE VOLTAGE, (%)
FIG.3
REVERSE CHARACTERISTICS
0
10
100
1000
40
20
60
80
100
120
140
TA= 25 C
TA = 125
1.0
o
o
o
o
MAXIMUM
MAXIMUM
RATING AND CHARACTERISTICS CURVES (FMSB307S)
?? ?? ?? ?? ?? ?? ??



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com