Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SA01 Datasheet(PDF) 1 Page - Cirrus Logic

Part # SA01
Description  PULSE WIDTH MODULATION AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

SA01 Datasheet(HTML) 1 Page - Cirrus Logic

  SA01 Datasheet HTML 1Page - Cirrus Logic SA01 Datasheet HTML 2Page - Cirrus Logic SA01 Datasheet HTML 3Page - Cirrus Logic SA01 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
1
FEATURES
• SINGLE SUPPLY OPERATION
• WIDE SUPPLY RANGE — 16-100V
• 20A CONTINUOUS OUTPUT
• PROGRAMMABLE CURRENT LIMIT
• SHUTDOWN CONTROL
• HERMETIC PACKAGE
• 2 IN2 FOOTPRINT
APPLICATIONS
• BRUSH TYPE MOTOR CONTROL
• PELTIER CONTROL
• REACTIVE LOADS
• MAGNETIC COILS (MRI)
• ACTIVE MAGNETIC BEARING
• VIBRATION CANCELLING
DESCRIPTION
The SA01 amplifier is a pulse width modulation amplifier that
can supply 2KW to the load. The full bridge output amplifier
can be operated from a single power supply over a wide range
of voltages. An error amplifier is included which can provide
gain for the velocity control loop in brush type motor control
applications. Current limit is programmable by a single resistor.
A shutdown input turns off all four drivers of the H bridge output.
A precision reference output is provided for use in offsetting
the error amplifier. The error amplifier can then be scaled for
standard input signals. The amplifier is protected from shorts to
supply or ground. The H bridge output MOSFETs are protected
from thermal overloads by directly sensing the temperature of
the die. The 10-pin hermetic power package occupies only 2
square inches of board space and is isolated.
BLOCK DIAGRAM
TYPICAL APPLICATION
�����
���
���
����
���
������
�������
�������
�����
���
��������
�������
��
��
�����
�����
�����
�����
������
������������
������
���
���
���
���������������������������������������������������������
������������������������������������������������
���
���
������
���
���
�����
������
�����
�����
��
�����
��
�����
��
�����
�����
������
������
���
����
����
��
EXTERNAL CONNECTIONS
��
���
��
��
���
���
����
���
���
���
�����
������
�����
�����
������
������
���
���
����
��
����
����
����
��
����
Motor Driver With Tach Feedback
��������������������������������������������������������������
� � � � � � � � � � � � � � �
��������������������������������
����
����
���
���
��������
10-PIN POWER DIP
PACKAGE STYLE DE


Similar Part No. - SA01

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
SA01 MITSUBISHI-SA01 Datasheet
64Kb / 4P
THYRISTOR ARRAY SA SERIES FOR STROBE FLASHER
logo
Cirrus Logic
SA01 APEX-SA01 Datasheet
317Kb / 4P
PULSE WIDTH MODULATION AMPLIFIER
SA01 CIRRUS-SA01 Datasheet
213Kb / 5P
Pulse Width Modulation Amplifier
SA01-6 APEX-SA01-6 Datasheet
317Kb / 4P
PULSE WIDTH MODULATION AMPLIFIER
SA01-6 CIRRUS-SA01-6 Datasheet
213Kb / 5P
Pulse Width Modulation Amplifier
More results

Similar Description - SA01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA55 ETC-SA55 Datasheet
40Kb / 2P
PULSE WIDTH MODULATION AMPLIFIER
logo
Cirrus Logic
MSA240 APEX-MSA240 Datasheet
305Kb / 4P
PULSE WIDTH MODULATION AMPLIFIER
SA56 APEX-SA56 Datasheet
541Kb / 7P
PULSE WIDTH MODULATION AMPLIFIER
SA305 APEX-SA305 Datasheet
562Kb / 6P
PULSE WIDTH MODULATION AMPLIFIER
SA03 APEX-SA03_06 Datasheet
269Kb / 4P
PULSE WIDTH MODULATION AMPLIFIER
MSA260 CIRRUS-MSA260 Datasheet
692Kb / 8P
Pulse Width Modulation Amplifier
SA01 APEX-SA01_07 Datasheet
317Kb / 4P
PULSE WIDTH MODULATION AMPLIFIER
SA56 APEX-SA56_07 Datasheet
370Kb / 7P
PULSE WIDTH MODULATION AMPLIFIER
SA305 APEX-SA305_07 Datasheet
428Kb / 8P
PULSE WIDTH MODULATION AMPLIFIER
SA03 CIRRUS-SA03 Datasheet
210Kb / 5P
Pulse Width Modulation Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com