Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MA3D690 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MA3D690
Description  Silicon planar type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA3D690 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MA3D690 Datasheet HTML 1Page - Panasonic Semiconductor MA3D690 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Fast Recovery Diodes (FRD)
2
MA3D690
IF  VF
IR  VR
VF  Ta
IR  Ta
Ct  VR
0.000 1
0
0.2
0.4
0.6
0.8
1.0
1.2
0.001
0.01
0.1
1
10
Forward voltage VF (V)
Ta
= 150°C
−20°C
100
°C25°C
PD(AV)  IF(AV)
IF(AV)  TC
0
12
10
8
6
4
2
012345
6
Average forward current I
F(AV)
(A)
t0 / t1
= 1/6
1/3
1/2
t1
t0
DC
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
−40
0
40
80
120
160
200
Ambient temperature T
a
(
°C)
IF
= 5 A
2.5 A
1 A
0.1
0
40
80
120
160
200
240
1
10
100
1 000
10 000
Reverse voltage V
R
(V)
Ta
= 150°C
100
°C
25
°C
0
300
200
100
0
50
100
150
200
250
300
Reverse voltage V
R
(V)
f
= 1 MHz
Ta
= 25°C
0.1
−40
0
40
80
120
160
200
1
10
100
1 000
10 000
Ambient temperature T
a
(
°C)
VR
= 200 V
100 V
10 V
0
2
1
3
5
4
6
20
40
60
80
120
140
100
160
Case temperature T
C
(
°C)
t0 / t1
= 1/2
1/3
t1
t0
1/6
DC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com