Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MSB601M Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # MSB601M
Description  SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MSB601M Datasheet(HTML) 1 Page - Rectron Semiconductor

  MSB601M Datasheet HTML 1Page - Rectron Semiconductor MSB601M Datasheet HTML 2Page - Rectron Semiconductor MSB601M Datasheet HTML 3Page - Rectron Semiconductor MSB601M Datasheet HTML 4Page - Rectron Semiconductor MSB601M Datasheet HTML 5Page - Rectron Semiconductor MSB601M Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SINGLE-PHASE GLASS PASSIVATED
SILICON BRIDGE RECTIFIER
VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
resistive or inductive load.
MSB601M
THRU
MSB607M
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (@TA=25 OC unless otherwise noted)
FEATURES
* Low leakage
* Low forward voltage
* Mounting position: Any
MECHANICAL DATA
*
*
Epoxy: Device has UL flammability classification 94V-O
MSBM
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TC =80
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
Current Squarad Time
SYMBOL
VRRM
VDC
IFSM
I
2T
TJ,TSTG
VRMS
UNITS
Volts
Volts
Amps
6.0
150
93.3
5.0
10
Amps
A
2Sec
0 C/ W
0 C
Operating and Storage Temperature Range
IO
-55 to + 150
Volts
100
MSB601M
200
800
50
100
200
800
50
70
140
560
35
1000
1000
700
400
400
280
600
600
420
2020-01/47
REV:O
CHARACTERISTICS
at Rated DC Blocking Voltage
VF
SYMBOL
IR
uAmps
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltageat 3.0 ADC per diode
Volts
5.0
@TA =150
oC
@TA =25
oC
1.0
2.0
UNITS
NOTES:1.Thermal resistance mounted on P.C.B with 30mm*15mm.*1.6mm
UL list the recognized component directory,file #E94233
55
MSB602M MSB603M MSB604M MSB605M MSB606M MSB607M
R JC
R JA
R JL
MSB601M MSB602M MSB603M MSB604M MSB605M MSB606M MSB607M
* Meets MSL level 1, per J-STD-020, LF maximum peak of 260 C
mAmps


Similar Part No. - MSB601M

ManufacturerPart #DatasheetDescription
logo
Bytesonic Electronics C...
MSB601 BYTESONIC-MSB601 Datasheet
756Kb / 3P
SINGLE PHASE 6.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
Version 1.1 2018/2/27
logo
DAESAN ELECTRONIC CORP.
MSB601 DAESAN-MSB601 Datasheet
234Kb / 2P
BRIDGE RECTIFIER
More results

Similar Description - MSB601M

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MDA970G1 RECTRON-MDA970G1 Datasheet
22Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Amperes)
RS601 RECTRON-RS601 Datasheet
55Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes)
RS601M RECTRON-RS601M Datasheet
23Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes)
RS601M RECTRON-RS601M_10 Datasheet
266Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes
logo
Kingtronics Internation...
GBJ6005-GBJ610 KINGTRONICS-GBJ6005-GBJ610 Datasheet
592Kb / 2P
Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 6.0 Amperes
KBU6005-KBU610 KINGTRONICS-KBU6005-KBU610 Datasheet
387Kb / 2P
Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 6.0 Amperes
logo
GOOD-ARK Electronics
GBU6005 GOOD-ARK-GBU6005_15 Datasheet
755Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers Voltage Range 50 to 1000 Volts Forward Current 6.0 Amperes
KBPC6 GOOD-ARK-KBPC6_15 Datasheet
698Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers Voltage Range 50 to 1000 Volts Forward Current 6.0 Amperes
logo
Rectron Semiconductor
MP5005 RECTRON-MP5005 Datasheet
568Kb / 5P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 50 Amperes SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2020-09 REV: B
RS601L RECTRON-RS601L Datasheet
85Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes
2021--07 REV:C
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com