Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CSW29289 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # CSW29289
Description  Switch SP2T
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

CSW29289 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  CSW29289 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NUMBER
CSW29289
FEATURES
• 225 - 440 MHz
• 5 Watts CW
• 0.27 dB Insertion Loss
• 76 dB Isolation
• +24 Volts Supply
• Non-Reflective
Switch SP2T
D AICO Industr ies
127
310.507.3242 • FAX 310.507.5701 • www.daico.com
SP2T


Similar Part No. - CSW29289

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
CSW2012 SENSATA-CSW2012 Datasheet
207Kb / 3P
COMPACT SINE WAVE ON THE GO
Rev: 07/20/19
CSW2012-X SENSATA-CSW2012-X Datasheet
207Kb / 3P
COMPACT SINE WAVE ON THE GO
Rev: 07/20/19
logo
DAICO Industries, Inc.
CSW22223 DAICO-CSW22223 Datasheet
148Kb / 1P
Switch SP2T
logo
Crydom Inc.,
CSW2410 CRYDOM-CSW2410 Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
CSW2410 CRYDOM-CSW2410 Datasheet
813Kb / 7P
panel mount
More results

Similar Description - CSW29289

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CSW22223 DAICO-CSW22223 Datasheet
148Kb / 1P
Switch SP2T
CSW26252 DAICO-CSW26252 Datasheet
137Kb / 1P
SWITCH SP2T
DSW22201 DAICO-DSW22201 Datasheet
163Kb / 1P
Switch SP2T
DSW25112 DAICO-DSW25112 Datasheet
133Kb / 1P
SP2T Switch
DSWA9072 DAICO-DSWA9072 Datasheet
32Kb / 1P
Switch SP2T
logo
American Accurate Compo...
JXWBKG-T-2-2-18-A AAC-JXWBKG-T-2-2-18-A Datasheet
59Kb / 1P
SP2T Switch
logo
M/A-COM Technology Solu...
MASW-009588 MA-COM-MASW-009588 Datasheet
260Kb / 4P
GaAs SP2T Switch
MASW-009588 MA-COM-MASW-009588_15 Datasheet
687Kb / 5P
GaAs SP2T Switch
MSW205X-205 MA-COM-MSW205X-205 Datasheet
1Mb / 12P
SP2T PIN Diode Switch
logo
Mini-Circuits
HSWA2-63DR MINI-HSWA2-63DR Datasheet
312Kb / 5P
SP2T RF Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com