Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DPS38017 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # DPS38017
Description  3 Section Phase Shifter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

DPS38017 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  DPS38017 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rev. N/D / Iss. 1
MODEL NO.
DPS38017
3 Section Phase Shifter
FEATURES
1243 - 1253 MHz
45
° LSB, 315° Range
ECL Driver
Integrated Power Divider For REF Channel
Integrated Amplifier For Equal Insertion Loss
HDI
DA ICO
I ndustries
2.000
.30 TYP
CONTRASTING
COLOR BEAD
.010 TYP
1.00
PART
IDENTIFICATION
1
19
20
38
.100 TYP
.xx = .02
.xxx = .010
.200 MAX
.082 TYP
.010 TYP
•••••••••••
PHASE SHIFTER
3 SECTION
AMPLIFIER
POWER
DIVIDER
••
•• ••
-5.2V
GND
17
19
12
11
5
4
3
2
1
A1
37 36 35 34 33 32 31 30 29 28 27 26 25 24
23
22
21
38
GND
GND
20
GND
GND +15V GND
OUTPUT
J2
OUTPUT
J3
A2
14
13
B1
B2
16
15
C1
C2
9
8
7
610
GND
GND
J1
INPUT
GND
GND
+5V
18
Parameter
Min Typ
Max Units
Conditions
Operating Frequency
1243
1253
MHz
DC Current
65
mA
At +15 VDC Supply
98
mA
At +5 VDC Supply
90
mA
At -5.2 VDC Supply
Control Type
ECL
3 Line
Logic “1” = Phase Shift
Insertion Gain
3.7
dB
At 25
°C
4.5
dB
Over Temperature
Insertion Loss Balance
±1.0 dB
J2 With Respect to J3
Isolation
20
dB
Between J2 and J3
Phase Shift
LSB
45
DEG
Range
0
315
DEG
45, 90, 180
Accuracy
±5 DEG
For the 180
° Shift Only
±20
For all Other Shifts
VSWR
1.6/1
Impedance
50
OHMS
Switching Speed
2
µSec
50% TTL - 10% / 90% RF
Transition (Rise/Fall) Time
µSec
10% / 90% - 90% / 10% RF
Switching (Video) Transients
mV
Peak Value
Intercept Points
2nd
dBm
3rd
dBm
RF Input Power
Operate
+21
dBm
1.0 dB Compression
No Damage
dBm
Operating Temperature
-54
+25
+71
°CTA
GUARANTEED PERFORMANCE
LOGIC “1”
CTL 1 = -0.6V to -1.0V
CTL 2 = -1.4V to -1.9V
LOGIC “0”
CTL 1 = -1.4V to -1.9V
CTL 2 = -0.6V to -1.0V
CB
A
00
0
PS0
0
00
1
PS1
45
01
0
PS2
90
01
1
PS3
135
10
0
PS4
180
10
1
PS5
225
11
0
PS6
270
11
1
PS7
315
LOGIC TABLE
Control Logic
Phase
Nominal Phase
State
Shift (DEG)


Similar Part No. - DPS38017

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
DPS3 CONNOR-WINFIELD-DPS3 Datasheet
51Kb / 1P
14 PIN DIP SINEWAVE
logo
PETERMANN-TECHNIK
DPS3 PETERMANN-DPS3 Datasheet
122Kb / 2P
HIGH RELIABILITY FOR LOW COST
logo
Littelfuse
DPS30I600HA LITTELFUSE-DPS30I600HA Datasheet
807Kb / 5P
600 V, 30 A Fast Recovery Diode
Revised: TK.12/23/2025
logo
Infineon Technologies A...
DPS310 INFINEON-DPS310 Datasheet
762Kb / 41P
Digital Barometric Pressure Sensor for Portable Devices
V1.0 2016-09-05
DPS310 INFINEON-DPS310 Datasheet
2Mb / 17P
Pressure Sensor 2Go Kit
11/2/2022
More results

Similar Description - DPS38017

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DP0921 DAICO-DP0921 Datasheet
30Kb / 1P
Phase Shifter 6 Section
CPS42126 DAICO-CPS42126 Datasheet
184Kb / 1P
Phase Shifter 4 Section
CPS42127 DAICO-CPS42127 Datasheet
176Kb / 1P
Phase Shifter 4 Section
CPS49092 DAICO-CPS49092 Datasheet
194Kb / 1P
Phase Shifter 4 Section
CPS49093 DAICO-CPS49093 Datasheet
213Kb / 1P
Phase Shifter, 4 Section
DP0560 DAICO-DP0560 Datasheet
26Kb / 1P
Phase Shifter, 3 Section
DPS42028 DAICO-DPS42028 Datasheet
169Kb / 1P
Phase Shifter 4 Section
DPS42029 DAICO-DPS42029 Datasheet
175Kb / 1P
Phase Shifter 4 Section
DPS89032 DAICO-DPS89032 Datasheet
167Kb / 1P
Phase Shifter 8 Section
DP0877 DAICO-DP0877 Datasheet
36Kb / 1P
3 Section Phase Shifter / Amplifier/ Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com