Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

QPD1026L Datasheet(PDF) 1 Page - Qorvo, Inc

Part # QPD1026L
Description  1300 W, 65 V, 420 ??450 MHz, GaN RF Input-Matched Transistor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1026L Datasheet(HTML) 1 Page - Qorvo, Inc

  QPD1026L Datasheet HTML 1Page - Qorvo, Inc QPD1026L Datasheet HTML 2Page - Qorvo, Inc QPD1026L Datasheet HTML 3Page - Qorvo, Inc QPD1026L Datasheet HTML 4Page - Qorvo, Inc QPD1026L Datasheet HTML 5Page - Qorvo, Inc QPD1026L Datasheet HTML 6Page - Qorvo, Inc QPD1026L Datasheet HTML 7Page - Qorvo, Inc QPD1026L Datasheet HTML 8Page - Qorvo, Inc QPD1026L Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
QPD1026L
1300 W, 65 V, 420
– 450 MHz, GaN RF Input-Matched Transistor
Datasheet Rev. A December 20
18 │ Subject to change without notice
- 1 of 19-
www.qorvo.com
4-lead NI-1230 Package (Eared)
Product Overview
The Qorvo QPD1026L is a 1300 W (P3dB) discrete GaN on
SiC HEMT which operates from 420 to 450 MHz. Input pre-
match within the package results in ease of external board
match and saves board space. The device is in an industry
standard air cavity package and is ideally suited for amateur
radio, public safety radio and radiolocation service. The
device can support both CW and pulsed operations.
RoHS compliant
Evaluation boards are available upon request.
Functional Block Diagram
Key Features
• Frequency: 420 to 450 MHz
• Output Power (P3dB)1: 1318 W
• Linear Gain1: 25.9 dB
• Typical PAE3dB1: 80.8 %
• Operating Voltage: 65 V
• CW and Pulse capable
Note 1: @ 440 MHz Load Pull
Applications
• UHF Radar
• Amateur Radio
• Public Safety Radio
• Radiolocation Service
Ordering info
Part No.
Description
QPD1026L
420
– 450 MHz Transistor
QPD1026LEVB1
432
– 442 MHz Evaluation Board


Similar Part No. - QPD1026L

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPD1020 TRIQUINT-QPD1020 Datasheet
1Mb / 22P
2.7 ??3.5 GHz, 50 V, 30 W GaN RF Input-Matched Transistor
logo
Qorvo, Inc
QPD1020 QORVO-QPD1020 Datasheet
1Mb / 21P
2.7 ??3.5 GHz, 50 V, 30 W GaN RF Input-Matched Transistor
logo
TriQuint Semiconductor
QPD1020EVB01 TRIQUINT-QPD1020EVB01 Datasheet
1Mb / 22P
2.7 ??3.5 GHz, 50 V, 30 W GaN RF Input-Matched Transistor
logo
Qorvo, Inc
QPD1020EVB01 QORVO-QPD1020EVB01 Datasheet
1Mb / 21P
2.7 ??3.5 GHz, 50 V, 30 W GaN RF Input-Matched Transistor
logo
TriQuint Semiconductor
QPD1020S2 TRIQUINT-QPD1020S2 Datasheet
1Mb / 22P
2.7 ??3.5 GHz, 50 V, 30 W GaN RF Input-Matched Transistor
More results

Similar Description - QPD1026L

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPD1011 TRIQUINT-QPD1011 Datasheet
1Mb / 25P
30 ??1200 MHz, 50 V, 7 W GaN RF Input-Matched Transistor
QPD1025 TRIQUINT-QPD1025 Datasheet
1Mb / 18P
1500 W, 65 V, 1.0 ??1.1 GHz, GaN RF Input-Matched Transistor
QPD1025L TRIQUINT-QPD1025L Datasheet
1Mb / 18P
1500 W, 65 V, 1.0 ??1.1 GHz, GaN RF Input-Matched Transistor
logo
Qorvo, Inc
QPD1025L QORVO-QPD1025L Datasheet
3Mb / 27P
1800 W, 65 V, 0.96 ??1.215GHz, GaN RF Input-Matched Transistor
QPD1029L QORVO-QPD1029L Datasheet
1Mb / 16P
1500 W, 65 V, 1.2??1.4GHz, GaN RF Input-Matched Transistor
Sep 2019
QPD1025L QORVO-QPD1025L_V01 Datasheet
3Mb / 26P
1800 W, 65 V, 0.96 ??1.215GHz, GaN RF Input-Matched Transistor
March 2022
QPD1028L QORVO-QPD1028L Datasheet
1Mb / 16P
750 W, 65 V, 1.2 ??1.4 GHz, GaN RF Input-Matched Transistor
Oct 2021
QPD1025 QORVO-QPD1025 Datasheet
3Mb / 26P
1800 W, 65 V, 0.96 ??1.215GHz, GaN RF Input-Matched Transistor
April 2022
QPD1011 QORVO-QPD1011 Datasheet
1Mb / 23P
30 – 1200 MHz, 50 V, 7 W GaN RF Input-Matched Transistor
January 2022
QPD1028 QORVO-QPD1028 Datasheet
1Mb / 16P
750 W, 65 V, 1.2 – 1.4 GHz, GaN RF Input-Matched Transistor
November 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com