Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS5043 Datasheet(PDF) 12 Page - ams AG

Part # AS5043
Description  PROGRAMMABLE 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE SSI AND ANALOG OUTPUTS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5043 Datasheet(HTML) 12 Page - ams AG

Back Button AS5043 Datasheet HTML 8Page - ams AG AS5043 Datasheet HTML 9Page - ams AG AS5043 Datasheet HTML 10Page - ams AG AS5043 Datasheet HTML 11Page - ams AG AS5043 Datasheet HTML 12Page - ams AG AS5043 Datasheet HTML 13Page - ams AG AS5043 Datasheet HTML 14Page - ams AG AS5043 Datasheet HTML 15Page - ams AG AS5043 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
AS5043 Programmable 360° Magnetic Angle Encoder
Revision 1.4, 04-Apr-06
www.austriamicrosystems.com
Page 12 of 26
12.2.1 Angular range Selector :
The Angular Range selector allows a digital pre-selection
of the angular range. The AS5043 can be configured for
a full scale angular range of 45°,90°,180° or 360°. In
addition, the Output voltage versus angle response can
be fine-tuned by setting the gain of the OP-AMP with
external resistors and the maximum output voltage can
be set in the DAC.
The combination of these options allows to configure the
operation range of the AS5043 for all angles up to 360°
and output voltages up to 5.5V
The response curve for the analog output is linear for the
selected range (45°/90°/180°/360°). In addition, the
slope is mirrored at 180° for 45°- and 90°- modes and
has a step response at 270° for the 180°-mode. This
allows the AS5043 to be used in a variety of applications.
In these three modes, the output remains at Vout,max and
Vout,min to avoid a sudden output change when the
mechanical angle is rotated beyond the selected analog
range. In 360°-mode, a jitter between Vout,max and Vout,min
at the 360° point is also prevented due to a hysteresis.
Output
Range1
Output
Range0
Mode
Note
0
0
0
0°
256
90°
18 0°
2 7 0 °
360 °
0
angle*)
360° a ngular ra n ge (d efault)
10 23
512
768
1 024
default mode,
analog resolution= 10bit
(1024 steps) over 360°
analog step size:
1LSB = 0.35°
0
1
0
0°
90 °
18 0°
2 7 0 °
360 °
0
angle
180° a ngular ra n ge
10 23
2 56
51 2
768
1 024
analog resolution= 10bit
(1024 steps) over 180°
Analog step size:
1LSB = 0.175°
1
0
0
0°
90 °
18 0°
2 7 0 °
360 °
0
angle
90° an gula r rang e
10 23
2 56
51 2
768
1 024
analog resolution= 10bit
(1024 steps) over 90°
Analog step size:
1LSB = 0.088°
1
1
0
0°
90 °
18 0°
2 25°
360 °
0
angle
45° an gula r rang e
51 1
2 56
51 2
640
1 024
1 28
45°
analog resolution=
9 bit (512 steps) over 45°
Analog step size:
1LSB = 0.088°
*) Note: the resolution on the digital SSI interface is always 10bit (0.35°/step) over 360°, independent on analog mode
Table 5: Digital Range Selector programming options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com