Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AM6594J8VR Datasheet(PDF) 3 Page - AiT Semiconductor Inc.

Part # AM6594J8VR
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

AM6594J8VR Datasheet(HTML) 3 Page - AiT Semiconductor Inc.

  AM6594J8VR Datasheet HTML 1Page - AiT Semiconductor Inc. AM6594J8VR Datasheet HTML 2Page - AiT Semiconductor Inc. AM6594J8VR Datasheet HTML 3Page - AiT Semiconductor Inc. AM6594J8VR Datasheet HTML 4Page - AiT Semiconductor Inc. AM6594J8VR Datasheet HTML 5Page - AiT Semiconductor Inc. AM6594J8VR Datasheet HTML 6Page - AiT Semiconductor Inc. AM6594J8VR Datasheet HTML 7Page - AiT Semiconductor Inc. AM6594J8VR Datasheet HTML 8Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
AM6594
MOSFET
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV1.0
- FEB 2019 RELEASED -
- 3 -
ABSOLUTE MAXIMUM RATINGS
TA = 25℃, unless otherwise noted
VDSS, Drain-Source Voltage
30V
VGSS, Gate-Source Voltage
±20V
ID, Continuous Drain Current
TC=25°C
50A
TC=100°C
39.1A
IDM, Pulsed Drain CurrentNOTE1
124A
ID, Continuous Drain Current
TA=25°C
25.5A
TA=70°C
20.4A
PD, Power DissipationNOTE2
TA=25°C
6.3W
TA=70°C
4W
IAS, Avalanche CurrentNOTE1
35A
EAS, Single Pulse Avalanche energy L=0.1mH NOTE1,6
61mJ
PD, Power DissipationNOTE3
TC=25°C
36.8W
TC=100°C
14.7W
TJ, Operation Junction Temperature
-55℃~+150℃
TSTG, Storage Temperature Range
-55℃~+150℃
Stress beyond above listed “Absolute Maximum Ratings” may lead permanent damage to the device. These are stress ratings only and
operations of the device at these or any other conditions beyond those indicated in the operational sections of the specifications are not
implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
THERMAL CHARACTERISTICS
Parameter
Symbol
Typ.
Max.
Units
Thermal Resistance Junction to AmbientNOTE2
t≦10s
RθJA
-
20
°C/W
Thermal Resistance Junction to AmbientNOTE2,4 Steady-State
-
50
Thermal Resistance Junction to Case
Steady-State
RθJC
-
3.4
NOTE1: Pulsed width limited by maximum junction temperature, TJ(MAX)=150°C.
NOTE2: Measure the value in a still air environment at TA=25°C, using an installation mounted on a 1 in2 FR-4 board, maximum junction
temperature TJ(MAX)=150°C.
NOTE3: Using junction-to-case thermal resistance, dissipation limit in the case of additional heat.
NOTE4: TJ(MAX)=150°C,using junction-to-case thermal resistance (RθJC) is more useful in additional heat sinking is used.
NOTE5: The pulse test width is ≤300μs and the duty cycle ≦ 2%.
NOTE6: The EAS data shows Maximum, tested and pulse width limited by maximum.
NOTE7: * . The maximum rating current is limited by wire bonding.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com