Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

855844 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # 855844
Description  225 MHz SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

855844 Datasheet(HTML) 4 Page - TriQuint Semiconductor

  855844 Datasheet HTML 1Page - TriQuint Semiconductor 855844 Datasheet HTML 2Page - TriQuint Semiconductor 855844 Datasheet HTML 3Page - TriQuint Semiconductor 855844 Datasheet HTML 4Page - TriQuint Semiconductor 855844 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Data Sheet
Part Number 855844
225 MHz SAW Filter
Subject to change or obsolescence without notice
Rev A
01-Nov-2001
Page 4 of 5
Matching Schematics
Actual matching values may vary due to PCB layout and parasitics
50
Balanced
3,4,7,8
50
7pF
82nH
7pF
7pF
7pF
2
1
5
6
82nH
50
Marking
PCB Footprint
Date code
C
JJJYM
ID dot
logo
Sawtek
code
Marking
1.47
5.20
2.28
.84
1.47
.84
.43
.71
The date code consists of: JJJ = Julian day,
Y = last digit of year, M = manufacturing site code
This footprint represents a recommendation only
Dimensions shown are nominal in millimeters
Tape and Reel
12.0
Section A-A
A
A
0.3
1.8
5.25
5.25
Ø1.5
Ø1.5
8.0
4.0
2.0
5.5
1.75
12.8
2.7
Ø13.0
Ø20.2
Ø330
logo
Sawtek
ID dot
2.0
Ø102
Direction of travel
Dimensions shown are nominal in millimeters
Packaging quantity: 4000 units/reel



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com