| Electronic Components Datasheet Search |
|
AT79C1030 Datasheet(PDF) 2 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT79C1030 Datasheet(HTML) 2 Page - ATMEL Corporation |
|
2 / 5 page ![]() 2 AT79C1030 3435BS–NETST–6/04 also supports filtering special packets to prevent unnecessary flow, such as broadcast storms, so broadcast/ARP packets can be discarded according to user settings. Overview Ethernet Packet Reception and Transmission The AT79C1030 complies with the IEEE 802.3 MII/GMII specification. The switch supports full/half duplex mode. • In full-duplex mode, from the same port, the switch receives and transmits packets at the same time; line flow control is performed by sending or resolving pause frames. • In half-duplex mode, reception and transmission can't take place from the same port at the same time. When a collision occurs, the packet should be retransmitted according to the back-off algorithm. Line flow control is implemented by the back-pressure algorithm. The switch works in 10/100/1000Mb/s in both full/half duplex modes. The full or half duplex mode and data rate are selected via auto-negotiation or manually. In order to support auto- negotiation the MDIO interface is implemented. Receiving Operation The device calculates the size of an ingress packet and decides whether the size of the packet is legal. At the same time, a CRC check is performed to verify whether the input packet data is right. Transmitting Operation The switch adds, removes, or changes the tag of the egress packet according to the related settings. The device re-calculates the CRC of this packet again to ensure sending the right packet in case the packet data is modified. Figure 1. AT79C1030 Block Diagram MAC DMA FIFO POR T7 TX RX RX MEMORY MANAGER MEMORY SWITCH CORE RS-232 CPU REGISTER VLAN TABLE MAC TABLE SMI MDC MDIO MAC DMA FIFO POR T0 TX MAC DMA FIFO POR T1 TX RX MAC DMA FIFO POR T6 TX RX 8 GMII/MII |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |