Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATDSC2MM6P Datasheet(PDF) 1 Page - Analog Technologies, Inc.

Part # ATDSC2MM6P
Description  DIP Socket for DIP Laser Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATDSC2MM6P Datasheet(HTML) 1 Page - Analog Technologies, Inc.

  ATDSC2MM6P Datasheet HTML 1Page - Analog Technologies, Inc. ATDSC2MM6P Datasheet HTML 2Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2021, Analog Technologies, Inc. All Rights Reserved. Updated on 1/5/2021 Email: staff@analogti.com/sales@analogti.com
1
Analog Technologies
ATDSC2MM6P
DIP Socket for DIP Laser Driver
Figure 1. The Physical Photo of ATDSC2MM6P
Figure 2. ATDSC2MM6P on the Laser Driver
Evaluation Board
Figure 3. ATDSC2MM6P vs. Other Socket
FEATURE
Good Contact
High Current
High Reliability
APPLICATION
This DIP socket is used for DIP laser driver such as
ATLSxA103D, ATLSxA104D, and ATLSxA106D.
DESCRIPTION
This customized DIP socket ATDSC2MM6P provides a
highly reliable connection between ATI’s DIP laser driver
and its evaluation board. It also allows a current up to 3A.
SPECIFICATIONS
Table 1. Characteristics (Tambient = 25
°C)
Parameter
Value
Unit/
Note
Current rating
3
A
Insulator resistance
5000
MΩ
Dielectric withstanding
500
VAC
Operating temperature
−40 ~ +105
°C
Max. soldering
temperature
260°C for 3-5 seconds
240°C for 30-60 seconds
Contact material
Phosphor
bronze
Insulator material
PA6T
Plating
Gold flash
Number of pins
6
Unspecified tolerance
±0.20
MECHANICAL DIMENSIONS
The dimensions of DIP socket ATDSC2MM6P are shown in
Figure 4.
Figure 4. Mechanical Dimensions of ATDSC2MM6P


Similar Part No. - ATDSC2MM6P

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATDS1100PC ATMEL-ATDS1100PC Datasheet
330Kb / 8P
Comprehensive CPLD/PLD Design Environment
ATDS1120PC ATMEL-ATDS1120PC Datasheet
330Kb / 8P
Comprehensive CPLD/PLD Design Environment
ATDS1130PC ATMEL-ATDS1130PC Datasheet
330Kb / 8P
Comprehensive CPLD/PLD Design Environment
ATDS1140PC ATMEL-ATDS1140PC Datasheet
330Kb / 8P
Comprehensive CPLD/PLD Design Environment
More results

Similar Description - ATDSC2MM6P

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
NHS068SZ-002-BF0 YAMAICHI-NHS068SZ-002-BF0 Datasheet
136Kb / 2P
Solder Dip Socket
logo
Tyco Electronics
2-1437538-7 MACOM-2-1437538-7 Datasheet
933Kb / 4P
DIP SOCKET, 800 SERIES
2-1437539-2 MACOM-2-1437539-2 Datasheet
933Kb / 4P
DIP SOCKET, 800 SERIES
2-1437539-6 MACOM-2-1437539-6 Datasheet
933Kb / 4P
DIP SOCKET, 800 SERIES
2-1437539-9 MACOM-2-1437539-9 Datasheet
933Kb / 4P
DIP SOCKET, 800 SERIES
816-AG10D MACOM-816-AG10D Datasheet
933Kb / 4P
DIP SOCKET, 800 SERIES
logo
FCI connector
54020-44030LF FCI-CONNECTOR-54020-44030LF Datasheet
220Kb / 2P
PLCC DIP Socket
logo
Tyco Electronics
840-AG11D-ESL MACOM-840-AG11D-ESL Datasheet
939Kb / 4P
DIP SOCKET 800 SERIES
logo
Adam Technologies, Inc.
ISD-6XX-T ADAM-TECH-ISD-6XX-T Datasheet
119Kb / 1P
IC SHRINK DIP SOCKET
ISD-432-T ADAM-TECH-ISD-432-T Datasheet
150Kb / 1P
IC SHRINK DIP SOCKET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com