Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VMPAL-AP-14-T135-RV Datasheet(PDF) 1 Page - Festo Corporation.

Part # VMPAL-AP-14-T135-RV
Description  Sub-base
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

VMPAL-AP-14-T135-RV Datasheet(HTML) 1 Page - Festo Corporation.

  VMPAL-AP-14-T135-RV Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sub-base
VMPAL-AP-14-T135-RV
Part number: 8034560
Data sheet
Feature
Value
Width
14 mm
Width
14.9 mm
Length
107.3 mm
Width dimension
14.9 mm
Pressure zone separation
Channels 1, 3 and 5
Integrated function
Non-return valve
Max. no. of valve positions
1
Flow direction
Non-reversible
Valve manifold design
Valve sizes can be mixed
Operating pressure
-0.09 MPa ... 1 MPa
Operating pressure
-0.9 bar ... 10 bar
Pilot pressure MPa
0.3 MPa ... 0.8 MPa
Pilot pressure
3 bar ... 8 bar
Suitability for vacuum
no
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
3 - High corrosion stress
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Ambient temperature
-5 °C ... 50 °C
Product weight
35 g
Pneumatic connection 2
for 14 mm cartridge
Pneumatic connection 4
For 14 mm cartridge
Note on materials
RoHS-compliant
Material of sub-base
PA-reinforced
8/2/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - VMPAL-AP-14-T135-RV

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VMPAL-AP-14-T135 FESTO-VMPAL-AP-14-T135 Datasheet
71Kb / 1P
Sub-base
8/1/22
More results

Similar Description - VMPAL-AP-14-T135-RV

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
560979 FESTO-560979 Datasheet
71Kb / 1P
Sub-base
8/1/22
561001 FESTO-561001 Datasheet
76Kb / 1P
Sub-base
8/1/22
561007 FESTO-561007 Datasheet
75Kb / 1P
Sub-base
8/1/22
561011 FESTO-561011 Datasheet
74Kb / 1P
Sub-base
8/1/22
561016 FESTO-561016 Datasheet
93Kb / 1P
Sub-base
8/1/22
561023 FESTO-561023 Datasheet
75Kb / 1P
Sub-base
8/1/22
561026 FESTO-561026 Datasheet
76Kb / 1P
Sub-base
8/1/22
561006 FESTO-561006 Datasheet
75Kb / 1P
Sub-base
8/2/22
561028 FESTO-561028 Datasheet
95Kb / 1P
Sub-base
8/2/22
561030 FESTO-561030 Datasheet
75Kb / 1P
Sub-base
8/2/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com