Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SIHLL014 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIHLL014
Description  Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIHLL014 Datasheet(HTML) 2 Page - Vishay Siliconix

  SIHLL014 Datasheet HTML 1Page - Vishay Siliconix SIHLL014 Datasheet HTML 2Page - Vishay Siliconix SIHLL014 Datasheet HTML 3Page - Vishay Siliconix SIHLL014 Datasheet HTML 4Page - Vishay Siliconix SIHLL014 Datasheet HTML 5Page - Vishay Siliconix SIHLL014 Datasheet HTML 6Page - Vishay Siliconix SIHLL014 Datasheet HTML 7Page - Vishay Siliconix SIHLL014 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRLL014, SiHLL014
www.vishay.com
Vishay Siliconix
S21-0322-Rev. G, 05-Apr-2021
2
Document Number: 91319
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
a. When mounted on 1" square PCB (FR-4 or G-10 material)
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11)
b. Pulse width
 300 μs; duty cycle  2 %
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Maximum junction-to-ambient
(PCB mount) a
RthJA
--
60
°C/W
Maximum junction-to-case (drain)
RthJC
--
40
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-source breakdown voltage
VDS
VGS = 0 V, ID = 250 μA
60
-
-
V
VDS temperature coefficient
V
DS/TJ
Reference to 25 °C, ID = 1 mA
-
0.073
-
V/°C
Gate-source threshold voltage
VGS(th)
VDS = VGS, ID = 250 μA
1.0
-
2.0
V
Gate-source leakage
IGSS
VGS = ± 10 V
-
-
± 100
nA
Zero gate voltage drain current
IDSS
VDS = 60 V, VGS = 0 V
-
-
25
μA
VDS = 48 V, VGS = 0 V, TJ = 125 °C
-
-
250
Drain-source on-state resistance
RDS(on)
VGS = 5.0 V
ID = 1.6 A b
-
-
0.20
VGS = 4.0 V
ID = 1.4 A b
-
-
0.28
Forward transconductance
gfs
VDS = 25 V, ID = 1.6 A
3.2
-
-
S
Dynamic
Input capacitance
Ciss
VGS = 0 V,
VDS = 25 V,
f = 1.0 MHz, see fig. 5
-
400
-
pF
Output capacitance
Coss
-
170
-
Reverse transfer capacitance
Crss
-42
-
Total gate charge
Qg
VGS = 5.0 V
ID = 10 A, VDS = 48 V,
see fig. 6 and 13 b
--
8.4
nC
Gate-source charge
Qgs
--
3.5
Gate-drain charge
Qgd
--
6.0
Turn-on delay time
td(on)
VDD = 30 V, ID = 10 A,
Rg = 12 , RD = 2.8 , see fig. 10 b
-9.3
-
ns
Rise time
tr
-
110
-
Turn-off delay time
td(off)
-17
-
Fall time
tf
-26
-
Internal drain inductance
LD
Between lead,
6 mm (0.25") from
package and center of
die contact
-4.0
-
nH
Internal source inductance
LS
-6.0
-
Drain-Source Body Diode Characteristics
Continuous source-drain diode current
IS
MOSFET symbol
showing the
integral reverse
p - n junction diode
--
2.7
A
Pulsed diode forward current a
ISM
--
22
Body diode voltage
VSD
TJ = 25 °C, IS = 2.7 A, VGS = 0 V b
--
1.6
V
Body diode reverse recovery time
trr
TJ = 25 °C, IF = 10 A, dI/dt = 100 A/μs b
-
65
130
ns
Body diode reverse recovery charge
Qrr
-0.33
0.65
μC
Forward turn-on time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD)
D
S
G
S
D
G



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com