Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PLT10HH450180PN Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd

Part # PLT10HH450180PN
Description  Meets large current up to 18A max. suitable for power lines.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

PLT10HH450180PN Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd

  PLT10HH450180PN_V01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd PLT10HH450180PN_V01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd PLT10HH450180PN_V01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd PLT10HH450180PN_V01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Product Search Data Sheet
PLT10HH450180PN#
“#” indicates a package specification code.
Note: This datasheet may be out of date.
Please download the latest datasheet of PLT10HH450180PN# from the official website of Murata
Manufacturing Co., Ltd.
http://www.murata.com/en/products/productdetail?partno=PLT10HH450180PN%23
Attention
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last updated07/27/2022
Features
Features
1. Meets large current up to 18Amax. suitable for power lines.
2. Meets to surface mounting.
3. Large common mode impedance up to 1000ohm [at 10MHz]
enables good noise suppression effect.
4. Wide operating temperature range.
-
55
to
125
[PLT10HH101150PN / PLT10HH401100PN /
PLT10HH450180PN / PLT10HH9016R0PN]
-
55
to
105
[PLT10HH1026R0PN / PLT10HH501100PN]
Application
Common mode noise suppression for motors in automotive
equipments, audio amps for automotive, car navigations.
Allso available for non-automotive applications.
2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com