Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BCC0FPC Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BCC0FPC
Description  Y-Splitters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC0FPC Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BCC0FPC Datasheet HTML 1Page - Balluff Korea Ltd. BCC0FPC Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Y-Splitters
BCC M415-M415-M415-U2064-003
Order Code: BCC0FPC
Internet
www.balluff.com
eCl@ss 9.1: 27-06-03-11
Subject to change without notice: 238292
ETIM 6.0: EC001855
BCC0FPC_0.83_2022-07-12
1 / 2
Basic features
Approval/Conformity
CE
EAC
WEEE
Electrical connection
Bending radius min., fixed cable
5 x D
Bending radius min., flexible cable
10 x D
Cable diameter D
5.60 mm ±0.13 mm
Cable, bending cycles min.
10 mil.
Conductor cross-section
22 AWG
Connection 1
M12x1-Male, Straight, 5-pin, A-
coded
Connection 2
M12x1-Female, Straight, 5-pin, A-
coded
Connection 3
M12x1-Female, Straight, 5-pin, A-
coded
Connector 01, version
straight
Connector 02, version
straight
Connector 03, version
straight
Number of conductors
5/5
Number of pins
5/5/5
System
Molded/Molded/Molded
Electrical data
Cable rated voltage AC max.
300 V
Cable rated voltage DC max.
300 V
Operating voltage Ub
60 VDC / 60 VAC
Rated current (40 °C)
4.0 A
Environmental conditions
Cable temperature, fixed routing
-50...105 °C
Cable temperature, flexible routing
-25...105 °C
IP rating
IP67, IP68, IP69K/IP67, IP68,
IP69K
Material
Cable jacket, material
TPE
Material contact carrier
PUR/PUR/PUR
Material contacts
Brass/Bronze/Bronze
Material cover nut
Die-cast zinc/Die-cast zinc/Die-
cast zinc
Material grip
PUR/PUR/PUR
Mechanical data
Cable jacket, color
Yellow
Cable length L
0.30 m
Tightening torque pigtail
0.6 Nm/0.6 Nm/0.6 Nm
Remarks
Enclosure rating per IEC 60529, only in screwed state with the associated mating piece.
Flame resistance per IEC 60332-1-2
Cable construction acc. to UL-AWM Style 20327


Similar Part No. - BCC0FPC

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC0FP4 BALLUFF-BCC0FP4 Datasheet
100Kb / 2P
Double-Ended Cordsets
2023-12-20
BCC0FPE BALLUFF-BCC0FPE Datasheet
106Kb / 2P
Single-Ended Cordsets
0.8_2022-07-12
BCC0FPH BALLUFF-BCC0FPH Datasheet
103Kb / 2P
Double-Ended Cordsets
2023-12-20
BCC0FPJ BALLUFF-BCC0FPJ Datasheet
103Kb / 2P
Double-Ended Cordsets
2023-12-20
BCC0FPK BALLUFF-BCC0FPK Datasheet
104Kb / 2P
Double-Ended Cordsets
2024-02-08
More results

Similar Description - BCC0FPC

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC0AFL BALLUFF-BCC0AFL Datasheet
109Kb / 2P
Y-Splitters
0.93_2022-07-16
BCC0ALC BALLUFF-BCC0ALC Datasheet
115Kb / 2P
Y-Splitters
0.74_2022-07-15
BCC0AM0 BALLUFF-BCC0AM0 Datasheet
112Kb / 2P
Y-Splitters
0.84_2022-07-16
BCC0AM7 BALLUFF-BCC0AM7 Datasheet
113Kb / 2P
Y-Splitters
0.86_2022-07-16
BCC0AUF BALLUFF-BCC0AUF Datasheet
116Kb / 2P
Y-Splitters
0.68_2022-07-16
BCC0C9T BALLUFF-BCC0C9T Datasheet
116Kb / 2P
Y-Splitters
0.85_2022-07-16
BCC0EFF BALLUFF-BCC0EFF Datasheet
121Kb / 2P
Y-Splitters
0.68_2022-07-11
BCC0EW3 BALLUFF-BCC0EW3 Datasheet
112Kb / 2P
Y-Splitters
0.86_2022-07-11
BCC0F82 BALLUFF-BCC0F82 Datasheet
127Kb / 3P
Y-Splitters
0.81_2022-07-15
BCC0FA5 BALLUFF-BCC0FA5 Datasheet
114Kb / 2P
Y-Splitters
0.87_2022-07-12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com