Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAZ5000 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MAZ5000
Description  Silicon planar type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MAZ5000 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MAZ5000 Datasheet HTML 1Page - Panasonic Semiconductor MAZ5000 Datasheet HTML 2Page - Panasonic Semiconductor MAZ5000 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Zener Diodes
2
MAZ5047
4.4
4.7
5.0
1 3000
 50 80
1
900
−3.5 −1.4 0.2 130 180
4.7
MAZ5051
4.8
5.1
5.4
2 2000
 40 60
1
800
−2.7 −0.8 1.2 110 160
5.1
MAZ5056
5.3
5.6
6.0
2 1000
 15 40
1
500
−2.0 1.2 2.5 95 140
5.6
MAZ5062
5.8
6.2
6.6
4 3000 5.3
60
6
20
0.5 300 0.4 2.3 3.7
90 130
6.2
MAZ5068
6.4
6.8
7.2
4 2000 5.9
60
6
15
0.5 140 1.2 3.0 4.5
85 110
6.8
MAZ5075
7.0
7.5
7.9
5 1000 6.5
60
6
15
0.5 120 2.5 4.0 5.3
80 100
7.5
MAZ5082
7.7
8.2
8.7
5
500 7.2
60
6
15
0.5 120 3.2 4.6 6.2
75
95
8.2
MAZ5091
8.5
9.1
9.6
6
200 8.0
60
6
15
0.5 130 3.8 5.5 7.0
70
90
9.1
MAZ5100
9.4
10.0
10.6
7
200 8.9
60
8
20
0.5 130 4.5 6.4 8.0
70
90
10
MAZ5110
10.4
11.0
11.6
7
100 9.9
60
10
20
0.5 170 5.4 7.4 9.0
65
85
11
MAZ5120
11.4
12.0
12.7
8
100 10.9 60
10
25
0.5 170 6.0 8.4 10.0 65
85
12
MAZ5130
12.4
13.0
14.1
9
100 11.9 60
10
30
0.5 170 7.0 9.4 11.0 60
80
13
MAZ5150
13.9
15.0
15.6
10
50 13.4 60
10
30
0.5 170 9.2 11.4 13.0 55
75
15
MAZ5160
15.3
16.0
17.1
11
50 14.8 60
10
40
0.5 170 10.4 12.4 14.0 52
75
16
MAZ5180
16.9
18.0
19.1
13
50 16.4 60
10
45
0.5 170 12.4 14.4 16.0 47
70
18
MAZ5200
18.8
20.0
21.2
14
50 18.3 60
15
55
0.5 180 14.4 16.4 18.0 36
60
20
MAZ5220
20.8
22.0
23.3
15
50 20.3 60
20
55
0.5 180 16.4 18.4 20.0 34
60
22
MAZ5240
22.8
24.0
25.6
17
50 22.3 60
25
70
0.5 180 18.4 20.4 22.0 33
55
24
I Electrical characteristics within part numbers V
Z
± 5% T
a
= 25°C
Part Number
Zener voltage
Reverse current
Operating resistance
VZ (V)
IR1 (nA) IR2 (
µA) R
Z (
Ω)R
ZK (
Ω)S
Z (mV/
°C)
IZ = 5 mA
VR
VR
IZ = 5 mAIZ
IZ = 5 mA
Min
Nom Max (V) Max (V) Max Typ Max (mA) Max Min Typ Max
Marking Symbol
Ct (pF)
(VR = 0 V)
f = 1 MHz
Typ Max
MAZ5000 Series
Ptot  Ta
IZ  VZ
IZ  VZ
0
0
160
40
120
80
200
600
400
800
Ambient temperature T
a
(
°C)
Thickness of the printed-circuit board 1.6 mm
Copper foil 0.035 mm
Anode side copper foil area 10 mm2
Cathode side copper foil area 20 mm2
0
20
40
60
80
100
04
12
816
Zener voltage V
Z
(V)
Ta
= 25°C
Static
Characteristics
MAZ5047
MAZ5056
MAZ5062
MAZ5068
MAZ5075
MAZ5082
MAZ5091
MAZ5100
MAZ5051
0
8
16
24
32
40
08
24
16
32
Zener voltage V
Z
(V)
Ta
= 25°C
Static
Characteristics
MAZ5110
MAZ5160
MAZ5200
Note) 1. The VZ value is the one after power application for 20 ms at Ta = 25°C.
2. The zener voltage temperature coefficient is the one for Tj = 25°C to 150°C.
Temperature
coefficient of
zener voltage
Terminal
capaci-
tance



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com