Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SW160R02VT Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW160R02VT
Description  N-channel Enhanced mode DFN3*3 MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW160R02VT Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW160R02VT Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW160R02VT Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW160R02VT Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW160R02VT Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW160R02VT Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW160R02VT Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Apr. 2019. Rev. 3.0
1/6
SW160R02VT
Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
DSS
Drain to source voltage
20
V
I
D
Continuous drain current (@T
C=25
oC)
16*
A
Continuous drain current (@T
C=100
oC)
10*
A
I
DM
Drain current pulsed
(note 1)
64
A
V
GS
Gate to source voltage
±10
V
dv/dt
Peak diode recovery dv/dt
(note 3)
5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
2.97
W
Derating factor above 25oC
0.02
W/oC
T
STG, TJ
Operating junction temperature & storage temperature
-55 ~ + 150
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
R
thja
Thermal resistance, Junction to ambient
42
oC/W
*. Drain current is limited by junction temperature.
Order Codes
Item
Sales Type
Marking
Package
Packaging
1
SW H 160R02VT
SW160R02V
DFN3*3
REEL
N-channel Enhanced mode DFN3*3 MOSFET
Features
 High ruggedness
 Low R
DS(ON) (Typ 12.3mΩ)@VGS=2.5V
(Typ 9.4m
Ω)@V
GS=4.5V
 Low Gate Charge (Typ 15.4nC)
 Improved dv/dt Capability
 100% Avalanche Tested
 Application:DC-DC Converter, Inverter,
Synchronous Rectification
General Description
This power MOSFET is produced with advanced technology of SAMWIN.
This technology enable the power MOSFET to have better characteristics, including fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics.
BV
DSS : 20V
I
D
: 16A
R
DS(ON) : 12.3mΩ@VGS=2.5V
9.4m
Ω@V
GS=4.5V
G
D
S
DFN3*3
Note: R
thja is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is d
efined as the solder mounting surface of the drain pins. R
thjc is guaranteed by design while Rthca is determined by the user's
board design. 42oC/W on a 1 in2 pad of 2oz copper.
DFN3*3: 4.Gate 5,6,7,8.Drain 1,2,3.Source
8
7
6
5
1
4
3
2


Similar Part No. - SW160R02VT

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW160R12VT SEMIPOWER-SW160R12VT Datasheet
627Kb / 6P
N-channel Enhanced mode TO-220 MOSFET
More results

Similar Description - SW160R02VT

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW10N70D SEMIPOWER-SW10N70D Datasheet
659Kb / 6P
N-channel Enhanced mode TO-262 MOSFET
SW15P02 SEMIPOWER-SW15P02 Datasheet
1Mb / 7P
P-channel Enhanced mode TO-251/TO-252/DFN3*3/DFN5*6 MOSFET
SW038R04VT SEMIPOWER-SW038R04VT Datasheet
568Kb / 6P
N-channel Enhanced mode TO-220 MOSFET
SW045R02VT SEMIPOWER-SW045R02VT Datasheet
658Kb / 6P
N-channel Enhanced mode DFN3*3 MOSFET
SW055R03VT SEMIPOWER-SW055R03VT Datasheet
701Kb / 7P
N-channel Enhanced mode TO-252/TO-251/DFN3*3 MOSFET
SW100R08VS SEMIPOWER-SW100R08VS Datasheet
564Kb / 6P
N-channel Enhanced mode SOP-8 MOSFET
SW110R03VT SEMIPOWER-SW110R03VT Datasheet
732Kb / 6P
N-channel Enhanced mode TO-252/DFN3*3 MOSFET
SW5N65K SEMIPOWER-SW5N65K Datasheet
836Kb / 6P
N-channel Enhanced mode TO-252 MOSFET
SW18N60D SEMIPOWER-SW18N60D Datasheet
651Kb / 6P
N-channel Enhanced mode TO-220F MOSFET
SW20N03A SEMIPOWER-SW20N03A Datasheet
743Kb / 6P
N-channel Enhanced mode DFN3*3 MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com