Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AP7366 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP7366
Description  Low-Noise LDO Regulator with Selectable 0.5A/1A Output Current Optimized for Portable Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7366 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP7366 Datasheet HTML 1Page - Diodes Incorporated AP7366 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.diodes.com
Announcement
New Product
diodes.com
March 2022
Low-Noise, Small-Footprint, LDO Product Portfolio
Typical Application Circuit
Enable (EN) is active HIGH, defined as > 1.0V and disabled when EN < 0.4V.
The VFB pin is not for an adjustable voltage but instead monitors the output voltage externally, eliminating bond wire resistance errors.
Part
Number
VIN
VOUT
IOUT
VDROP
@ Full
Load
IQ
Output
Accuracy
Enable
Power
Good
Output
Discharge
PSRR
@1kHz
Package
(V)
(V)
(mA)
(mV)
(µA)
(%)
(dB)
AP7353
2.0
to
5.5
1.8, 2.5, 2.8,
2.85, 2.9, 3.0,
3.1, 3.2, 3.3,
3.6, 4.5
250
142
18
1
Yes
No
Yes/No
90
X1-WLB0707-4,
X2-DFN1010-4
AP7366
2.2
to
6.0
ADJ,1.0, 1.2,
1.5, 1.8, 2.0,
2.5, 2.8, 3.0,
3.3, 3.9
600
320
60
1
Yes
No
No
75
SOT25,
U-DFN2020-6
AP7368
1.7
to
5.5
0.9, 1.0, 1.2,
1.5, 1.8, 2.5,
2.8, 3.0, 3.3
500
1000
125
110
1
Yes
No
Yes
80
X1-DFN1612-8
(Type B)
AP7361E
2.2
to
6.0
ADJ,1.0, 1.2,
1.5, 1.8, 2.5, 3.3
1000
340
68
1
Yes
Yes
No
75
U-DFN3030-8
(Type E)
Orderable
Part Number
Compliance
(Only Automotive
Supports PPAP)
Output
Voltage
Package
Code
Package
Moisture
Sensitivity
Reel
Size
(Inches)
Quantity
per Reel
AP7368D-09RS4-7
Standard
0.9
RS4
X1-DFN1612-8
(Type B)
MSL-1
7
5000
AP7368D-10RS4-7
1.0
AP7368D-12RS4-7
1.2
AP7368D-15RS4-7
1.5
AP7368D-18RS4-7
1.8
AP7368D-25RS4-7
2.5
AP7368D-28RS4-7
2.8
AP7368D-30RS4-7
3.0
AP7368D-33RS4-7
3.3
VDD
EN
LCON
GND
VOUT
VFB
COUT
1
μ F
CIN
1
μ F
VOUT
VIN
VLCON
AP7368
Ordering Information
AP7368



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com