Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CRE08C-OTP1S-R Datasheet(PDF) 1 Page - C&K Components

Part # CRE08C-OTP1S-R
Description  10mm DIP Coded Rotary Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

CRE08C-OTP1S-R Datasheet(HTML) 1 Page - C&K Components

  CRE08C-OTP1S-R Datasheet HTML 1Page - C&K Components CRE08C-OTP1S-R Datasheet HTML 2Page - C&K Components CRE08C-OTP1S-R Datasheet HTML 3Page - C&K Components CRE08C-OTP1S-R Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
H
H–45
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ckswitches.com
CRE Series
10mm DIP Coded Rotary Switches
Features/Benefits
Process sealed – withstands
soldering and cleaning
Thru-hole and surface mount models
New designs with different actuators
RoHS compatible and compliant
New generation price competitive
IP65
How To Order
The Build-A Switch concept allows you to mix and match options to create the switch you need. Below is a complete listing of
options shown in catalog. To order, simply select desired option from each category and place in the appropriate box.
R
CE
Number of positions
04
4 position
06
6 position
08
8 position
10
10 position
16
16 position
Shape of surface
OT Octagon Type
RD Round Type
Terminations
A
Right Angle, PC Thru-hole
(Only available for actuator M0 & M1)
C
PC Thru-hole
S
Gull Wing
Packaging
(None) Tube
R
Tape & Reel
(Not available for termination type A & C)
Coding
R
Real or BCD code
C
Complement code
Actuator
M0 Flush, Screw type “->” [Slot Screw Drive Type]
M1 Flush, Screw type “+” [Cross Screw Drive Type]
L0 Extended, Screw type “->” [Slot Screw Drive Type]
P0 Protrusion, Screw type “->” [Slot Screw Drive Type]
P1 Protrusion, Screw type “+” [Cross Screw Drive Type]
Typical Applications
Address switching applications
Data storage devices
Computer and peripherals
Instrumentation
Specifications
CONTACT RATING: 42 V DC 150mA (switching), 200mA (non-switching)
MECHANICAL & ELECTRICAL LIFE: 10,000 cycles
INITIAL CONTACT RESISTANCE: 200 mΩ max.
INSULATION RESISTANCE: 100 MΩ min.
OPERATING TEMPERATURE: -40°C to 85°C.
STORAGE TEMPERATURE: -40°C to 85°C.
OPERATING FORCE: 700 gf max.
SOLDER CONDITIONS:
- Straight and right-angle types: Iron soldering 2s/340°C, wave
soldering 5s/280°C
- Through-hole and SMT types: Iron soldering 2s/340°C, wave
soldering: 5s/280°C, reflow soldering 10s/260°C
SOLDERABILITY: Dip and look solderability testing per C&K spec #448
PACKAGING: Switches are supplied in rigid dispensing tubes in
full-tube quantities only, this may affect order quantities. Number of
switches per tube varies with model. Tape and reel packing also avail-
able with exception for the right-angle “A” type terminations.
Materials
COVER:
- Straight and right-angle types: Nylon#66 (G45%)
- Through-hole and SMT types: LCP (G30%)
BASE:
- Straight and right-angle types: Nylon#66 (G45%)
- Through-hole and SMT types: LCP (G30%)
ACTUATOR:
- Straight and right-angle types: Poly Acetal
- Through-hole and SMT types: Nylon#66 (G45%)
CONTACTS: Brass with Gold nickel plating
TERMINALS: Brass with Gold nickel plating
3 Dec 21
Remarks in Annotation


Similar Part No. - CRE08C-OTP1S-R

ManufacturerPart #DatasheetDescription
logo
CRE Semiconductor Inc.
CRE 2269 CRE-CRE 2269 Datasheet
410Kb / 7P
Current Mode PWM Power Switch
2015-01-5
CRE 6511 CRE-CRE 6511 Datasheet
1Mb / 9P
Primary-side controlled high-precision constant voltage/constant current PWM controller
logo
Okaya Electric America,...
CRE-10201 OKAYA-CRE-10201 Datasheet
332Kb / 1P
SPARK QUENCHER
CRE-10201 OKAYA-CRE-10201_14 Datasheet
86Kb / 1P
SPARK QUENCHER
CRE-20151 OKAYA-CRE-20151 Datasheet
332Kb / 1P
SPARK QUENCHER
More results

Similar Description - CRE08C-OTP1S-R

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CD08RM0AK ITT-CD08RM0AK Datasheet
248Kb / 4P
8mm DIP Coded Rotary Switches
CRD10RM0AK ITT-CRD10RM0AK Datasheet
245Kb / 4P
10mm DIP Coded Rotary Switches
logo
C&K Components
CD08RM0CB CK-COMPONENTS-CD08RM0CB Datasheet
207Kb / 4P
8mm DIP Coded Rotary Switches
CRD CK-COMPONENTS-CRD Datasheet
181Kb / 4P
10mm DIP Coded Rotary Switches
logo
List of Unclassifed Man...
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
ROTARY CODED SWITCHES
logo
C&K Components
CD CK-COMPONENTS-CD Datasheet
146Kb / 4P
8mm DIP Coded Rotary Switches
2003
CD CK-COMPONENTS-CD_V01 Datasheet
206Kb / 4P
8mm DIP Coded Rotary Switches
2010
CRD CK-COMPONENTS-CRD_V01 Datasheet
305Kb / 4P
10mm DIP Coded Rotary Switches
2020
CD CK-COMPONENTS-CD_V02 Datasheet
345Kb / 4P
8mm DIP Coded Rotary Switches
CRD CK-COMPONENTS-CRD_V02 Datasheet
323Kb / 4P
10mm DIP Coded Rotary Switches
8 Feb 23
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com