| Electronic Components Datasheet Search |
|
RX671 Datasheet(PDF) 24 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RX671 Datasheet(HTML) 24 Page - Renesas Technology Corp |
|
24 / 178 page ![]() RX671 Group 1. Overview R01DS0373EJ0110 Rev.1.10 Page 24 of 178 Apr 15, 2022 Serial peripheral interface RSPCKA-A/RSPCKA-B/ RSPCKB-A/RSPCKB-B/ RSPCKC-A/RSPCKC-B I/O Clock input/output pins MOSIA-A/MOSIA-B/ MOSIB-A/MOSIB-B/ MOSIC-A/MOSIC-B I/O Input or output data output from the master MISOA-A/MISOA-B/ MISOB-A/MISOB-B/ MISOC-A/MISOC-B I/O Input or output data output from the slave SSLA0-A/SSLA0-B/ SSLB0-A/SSLB0-B/ SSLC0-A I/O Input or output pins for slave selection SSLA1-A/SSLA1-B/ SSLB1-A/SSLB1-B/ SSLC1-A, SSLA2-A/SSLA2-B/ SSLB2-A/SSLB2-B/ SSLC2-A, SSLA3-A/SSLA3-B/ SSLB3-A/SSLB3-B/ SSLC3-A Output Output pins for slave selection Serial peripheral interface (RSPIA) RSPCK0-A/RSPCK0-B I/O Clock input/output pins MOSI0-A/MOSI0-B I/O Input or output data output from the master MISO0-A/MISO0-B I/O Input or output data output from the slave SSL00-A/SSL00-B I/O Input or output pins for slave selection SSL01-A/SSL01-B, SSL02-A/SSL02-B, SSL03-A/SSL03-B Output Output pins for slave selection Quad-SPI memory interface QSPCLK-A/QSPCLK-B Output Clock output pins QSSL-A/QSSL-B Output Output pins for slave selection QIO0-A/QIO0-B, QIO1-A/QIO1-B, QIO2-A/QIO2-B, QIO3-A/QIO3-B I/O Data input/output pins Serial sound interface SSIBCK0 I/O SSIE serial bit-clock pin SSILRCK0 I/O LR clock SSITXD0 Output Serial data output pin SSIRXD0 Input Serial data input pin AUDIO_CLK Input External clock pin for audio (input for an oversampling clock) SD host interface SDHI_CLK-A/SDHI_CLK-B/ SDHI_CLK-C Output SD clock output pins SDHI_CMD-A/SDHI_CMD-B/ SDHI_CMD-C I/O SD command output, response input signal pins SDHI_D3-A/SDHI_D3-B/ SDHI_D3-C to SDHI_D0-A/ SDHI_D0-B/SDHI_D0-C I/O SD data bus pins SDHI_CD Input SD card detection pin SDHI_WP Input SD write-protect signal Realtime clock RTCOUT Output Output pin for 1-Hz/64-Hz clock RTCIC0 to RTCIC2 Input Time capture event input pins Battery backup TAMPI0 to TAMPI2 Input Input pins for detecting tampering Remote control signal receiver (REMC) PMC0-DS Input Input pin for external pulse signal Table 1.4 Pin Functions (6/8) Classifications Pin Name I/O Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |