Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HS3003-ML1 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HS3003-ML1
Description  High Performance Relative Humidity and Temperature Sensor Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS3003-ML1 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HS3003-ML1 Datasheet HTML 7Page - Renesas Technology Corp HS3003-ML1 Datasheet HTML 8Page - Renesas Technology Corp HS3003-ML1 Datasheet HTML 9Page - Renesas Technology Corp HS3003-ML1 Datasheet HTML 10Page - Renesas Technology Corp HS3003-ML1 Datasheet HTML 11Page - Renesas Technology Corp HS3003-ML1 Datasheet HTML 12Page - Renesas Technology Corp HS3003-ML1 Datasheet HTML 13Page - Renesas Technology Corp HS3003-ML1 Datasheet HTML 14Page - Renesas Technology Corp HS3003-ML1 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
HS300x-ML1 Datasheet
R36DS0016EU0001 Rev.0.01
Nov 8, 2021
Page 11
5.3
I2C Communication
The sensor transmission is initiated when the master sends a 0 START bit (S). The transmission is terminated
when the master sends a 1 STOP bit (P). These bits are only transmitted while the SCL line is HIGH (see
Figure 14 for waveforms).
When the START condition has been set, the SCL line is toggled at the prescribed data rate, clocking
subsequent data transfers. Data on the SDA line is always sampled on the rising edge of the SCL line and must
remain stable while SCL is HIGH to prevent false START or STOP conditions.
Figure 14. START and STOP Condition Waveform
After the START bit, the master device sends the 7-bit slave address (see “Sensor Slave Address”) to the
HS300x-ML1, followed by the read/write bit, which indicates the transfer direction of any subsequent data. This
bit is set to 1 to indicate a read from slave to master or set to 0 to indicate a write from master to slave.
All transfers consist of 8 bits and a response bit: 0 for Acknowledge (ACK) or 1 for Not Acknowledge (NACK).
After the ACK is received, another data byte can be transferred or the communication can be stopped with a
STOP bit.
5.4
Measurement Mode
The HS300x-ML1 is factory-programmed to operate in Sleep Mode. In Sleep Mode, the sensor waits for
commands from the master before taking measurements. The digital core only performs conversions when it
receives a Measurement Request command (MR); otherwise, it is always powered down.
5.5
Measurement Requests (MR)
The MR command is required to wake up the HS300x-ML1 from its Sleep Mode. Initiate the Measurement
Request by sending the 7-bit slave address followed by an eighth bit = 0 (WRITE).
A measurement cycle consists of a humidity and temperature conversion followed by the digital signal processor
(DSP) correction calculations. At the end of a measurement cycle, the digital output register will be updated
before powering down.
The output is always scaled to 14 bits. The order of the bits is big-endian.
Figure 15. Measurement Request
START Condition
STOP Condition
STOP
SDA
SCL
SDA
SCL
START
S
Device Slave Address [6:0]
Slave Address Bit
(MSB first)
Start Condition
Stop Condition
Acknowledge (ACK)
Read/Write
(Example: Write = 0)
S
S
W
Wait for
Slave ACK
1
S
0 0
1
0
0
W
(0)
0
A
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com